Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54-74HC390 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC54-74HC390
Description  Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC54-74HC390 Datasheet(HTML) 6 Page - ON Semiconductor

  MC54-74HC390 Datasheet HTML 1Page - ON Semiconductor MC54-74HC390 Datasheet HTML 2Page - ON Semiconductor MC54-74HC390 Datasheet HTML 3Page - ON Semiconductor MC54-74HC390 Datasheet HTML 4Page - ON Semiconductor MC54-74HC390 Datasheet HTML 5Page - ON Semiconductor MC54-74HC390 Datasheet HTML 6Page - ON Semiconductor MC54-74HC390 Datasheet HTML 7Page - ON Semiconductor MC54-74HC390 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC54/74HC390
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
6
APPLICATIONS INFORMATION
Each half of the MC54/74HC390 has independent
÷ 2 and
÷ 5 sections (except for the Reset function). The ÷ 2 and ÷ 5
counters can be connected to give BCD or bi–quinary (2–5)
count sequences. If Output QA is connected to the Clock B
input (Figure 4), a decade divider with BCD output is
obtained. The function table for the BCD count sequence is
given in Table 1.
To obtain a bi–quinary count sequence, the input signals
connected to the Clock B input, and output QD is connected
to the Clock A input (Figure 5). QA provides a 50% duty cycle
output. The bi–quinary count sequence function table is
given in Table 2.
Table 1. BCD Count Sequence*
Count
Output
Count
QD
QC
QB
QA
0
L
L
L
L
1
L
L
L
H
2
L
L
H
L
3
L
L
H
H
4
L
H
L
L
5
L
H
L
H
6
L
H
H
L
7
L
H
H
H
8
H
L
L
L
9
H
L
L
H
* QA connected to Clock B input.
Table 2. Bi–Quinary Count Sequence**
Count
Output
Count
QA
QD
QC
QB
0
L
L
L
L
1
L
L
L
H
2
L
L
H
L
3
L
L
H
H
4
L
H
L
L
8
H
L
L
L
9
H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
** QD connected to Clock A input.
CONNECTION DIAGRAMS
1, 15
÷ 2
COUNTER
CLOCK A
RESET
Figure 4. BCD Count
Figure 5. Bi-Quinary Count
÷ 2
COUNTER
÷ 5
COUNTER
÷ 5
COUNTER
CLOCK B
CLOCK A
RESET
CLOCK B
1, 15
QA
QB
QC
QD
3, 13
5, 11
6, 10
7, 9
4, 12
2, 14
QA
QB
QC
QD
3, 13
5, 11
6, 10
7, 9
4, 12
2, 14


Similar Part No. - MC54-74HC390

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC354 MOTOROLA-MC54-74HC354 Datasheet
206Kb / 9P
   8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
MC54-74HC366 MOTOROLA-MC54-74HC366 Datasheet
163Kb / 5P
   Hex 3-State Inverting Buffer with Common Enables
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
More results

Similar Description - MC54-74HC390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A Datasheet
204Kb / 8P
   Dual 4-Stage Binary Ripple Counter with 첨2 and 첨5 Sections
March, 2000 ??Rev. 2
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
   7-stage binary ripple counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com