Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518221A-30JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM518221A-30JS
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A-30JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM518221A-30JS Datasheet HTML 1Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 2Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 3Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 4Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 5Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 6Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 7Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 8Page - OKI electronic componets MSM518221A-30JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
¡ Semiconductor
MSM518221A
2/16
FEATURES
• Single power supply : 5 V
±10%
• 512 Rows ¥ 512 Columns ¥ 8 bits
• Fast FIFO (First-In First-Out) operation
• High speed asynchronous serial access
Read/write cycle time
25 ns/30 ns/40 ns
Access time
25 ns/25 ns/30 ns
• Functional compatibility with OKI MSM514221B
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package options :
28-pin 400 mil plastic ZIP
(ZIP28-P-400-1.27)
(Product : MSM518221A-xxZS)
28-pin 400 mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM518221A-xxJS)
28-pin 430 mil plastic SOP
(SOP28-P-430-1.27-K)
(Product : MSM518221A-xxGS-K)
xx indicates speed rank.
PRODUCT FAMILY
MSM518221A-25JS
Family
Access Time (Max.)
Cycle Time (Min.)
Package
25 ns
25 ns
MSM518221A-30JS
30 ns
25 ns
400 mil 28-pin SOJ
MSM518221A-40JS
40 ns
30 ns
MSM518221A-25ZS
25 ns
25 ns
MSM518221A-30ZS
30 ns
25 ns
400 mil 28-pin ZIP
MSM518221A-40ZS
40 ns
30 ns
MSM518221A-30GS-K
30 ns
25 ns
430 mil 28-pin SOP
MSM518221A-40GS-K
40 ns
30 ns


Similar Part No. - MSM518221A-30JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-25JS OKI-MSM518221-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-25ZS OKI-MSM518221-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-30GS-K OKI-MSM518221-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-30JS OKI-MSM518221-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518221A-30JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com