Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V452DMP Datasheet(PDF) 10 Page - OKI electronic componets

Part # MR27V452DMP
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V452DMP Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V452DMP Datasheet HTML 2Page - OKI electronic componets MR27V452DMP Datasheet HTML 3Page - OKI electronic componets MR27V452DMP Datasheet HTML 4Page - OKI electronic componets MR27V452DMP Datasheet HTML 5Page - OKI electronic componets MR27V452DMP Datasheet HTML 6Page - OKI electronic componets MR27V452DMP Datasheet HTML 7Page - OKI electronic componets MR27V452DMP Datasheet HTML 8Page - OKI electronic componets MR27V452DMP Datasheet HTML 9Page - OKI electronic componets MR27V452DMP Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Bad insertion
YES
Program 10
µs
10/10
Programming / Verify Flow Chart
MR27V452D
VCC=4.0V
VPP=9.75V
X=0
YES
PASS
NO
NG
NO
NG
PASS
X=2?
X=X+1
YES
NO
VCC=3.0V
VPP=3.0V
Programming
Pin Check
NO
OK
VCC=3.6V
VPP=3.6V
NG
PASS
VCC=3.0V
VPP=3.0V
NG
PASS
Verify
NO
OK
Start
Start
Pin Check
Last Address ?
Increment Address
Address = First location
Program 10
µs
Verify (One Byte)
Last Address ?
Increment Address
Verify (One Byte)
Device Passed
Device Failed
Device Passed
Device Failed
Verify (One Byte)
Verify (One Byte)
Bad insertion
Address = First location
Address = First location


Similar Part No. - MR27V452DMP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
MR27V401E OKI-MR27V401E Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401EMA OKI-MR27V401EMA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401ERA OKI-MR27V401ERA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401ETA OKI-MR27V401ETA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
More results

Similar Description - MR27V452DMP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402E OKI-MR27V402E Datasheet
167Kb / 16P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com