Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518221A Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM518221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221A Datasheet(HTML) 1 Page - OKI electronic componets

  MSM518221A Datasheet HTML 1Page - OKI electronic componets MSM518221A Datasheet HTML 2Page - OKI electronic componets MSM518221A Datasheet HTML 3Page - OKI electronic componets MSM518221A Datasheet HTML 4Page - OKI electronic componets MSM518221A Datasheet HTML 5Page - OKI electronic componets MSM518221A Datasheet HTML 6Page - OKI electronic componets MSM518221A Datasheet HTML 7Page - OKI electronic componets MSM518221A Datasheet HTML 8Page - OKI electronic componets MSM518221A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM518221A
1/16
DESCRIPTION
The OKI MSM518221A is a high performance 2-Mbit, 256K ¥ 8-bit, Field Memory. It is designed
for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital
movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity
TVs and VTRs, exclusively. The MSM518221A is not designed for the other use or high end use
in medical systems, professional graphics systems which require long term picture, and data
storage systems and others. The 2-Mbit capacity fits one field of a conventional NTSC TV screen.
Each of the 8-bit planes has separate serial write and read ports. These employ independent control
clocks to support asynchronous read and write operations. Different clock rates are also supported,
which allow alternate data rates between write and read data streams.
TheMSM518221AprovideshighspeedFIFO,First-InFirst-Out,operation without external refreshing:
it refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial
access operation, so that serial read and/or write control clock can be halted high or low for any
duration as long as the power is on. Internal conflicts of memory access and refreshing operations
are prevented by special arbitration logic.
The MSM518221A's function is simple, and similar to a digital delay device whose delay-bit-length
is easily set by reset timing. The delay length, and the number of read delay clocks between write
and read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 8-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
The MSM518221A is similar in operation and functionality to OKI 1-Mbit Field Memory
MSM514221B. It has a write mask function or input enable function (IE), and read-data skipping
function or output enable function (OE). The differences between write enable (WE) and input
enable (IE), and between read enable (RE) and output enable (OE) are that WE and RE can stop
serial write/read address increments, but IE and OE cannot stop the increment, when write/
read clocking is continuously applied to MSM518221A. The input enable (IE) function allows
the user to write into selected locations of the memory only, leaving the rest of the memory
contents unchanged. This facilitates data processing to display a "picture in picture" on a TV
screen.
¡ Semiconductor
MSM518221A
262,214-Word
¥ 8-Bit Field Memory
E2L0066-18-Z2
This version: Dec. 1998


Similar Part No. - MSM518221A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-25JS OKI-MSM518221-25JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-25ZS OKI-MSM518221-25ZS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-30GS-K OKI-MSM518221-30GS-K Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221-30JS OKI-MSM518221-30JS Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results

Similar Description - MSM518221A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com