Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V452D Datasheet(PDF) 4 Page - OKI electronic componets

Part # MR27V452D
Description  262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V452D Datasheet(HTML) 4 Page - OKI electronic componets

  MR27V452D Datasheet HTML 1Page - OKI electronic componets MR27V452D Datasheet HTML 2Page - OKI electronic componets MR27V452D Datasheet HTML 3Page - OKI electronic componets MR27V452D Datasheet HTML 4Page - OKI electronic componets MR27V452D Datasheet HTML 5Page - OKI electronic componets MR27V452D Datasheet HTML 6Page - OKI electronic componets MR27V452D Datasheet HTML 7Page - OKI electronic componets MR27V452D Datasheet HTML 8Page - OKI electronic componets MR27V452D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Operating temperature under bias
Storage temperature
Input voltage
Output voltage
Power supply voltage
Program power supply voltage
Power dissipation per package
Parameter
Symbol
Topr
Unit
Value
Condition
RECOMMENDED OPERATING CONDITIONS FOR READ
VCC power supply voltage
VPP power supply voltage
Input "H" level
Input "L" level
Parameter
Symbol
VCC
Unit
3.6
Typ.
3.0
Condition
Tstg
VI
VO
VCC
VPP
PD
0 to 70
-55 to 125
V
-0.5 to VCC + 0.5
V
-0.5 to VCC + 0.5
V
-0.5 to 5
V
-0.5 to 11.5
W
1.0
-
relative to VSS
(Ta=0 to 70
°C)
Min.
Max.
V
VCC+0.5
-0.5
-
V
VCC+0.5*
2.2
-
V
0.6
-0.5**
-
V
VPP
VIH
VIL
VCC=3.0V-3.6V
Voltage is relative to Vss
ABSOLUTE MAXIMUM RATINGS
-
-
MR27V452D
°C
°C
* : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10nS.
** : -1.5V (Min.) when pulse width of undershoot is less than 10nS.


Similar Part No. - MR27V452D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V401D OKI-MR27V401D Datasheet
54Kb / 11P
   524,288-Word x 8-Bit One Time PROM
MR27V401E OKI-MR27V401E Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401EMA OKI-MR27V401EMA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401ERA OKI-MR27V401ERA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
MR27V401ETA OKI-MR27V401ETA Datasheet
129Kb / 15P
   524,288-Word 횞 8-Bit One Time PROM
More results

Similar Description - MR27V452D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402E OKI-MR27V402E Datasheet
167Kb / 16P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com