Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3033KM-TL Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # SI-3033KM-TL
Description  1 A, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033KM-TL Datasheet(HTML) 7 Page - Allegro MicroSystems

  SI-3033KM-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3033KM-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SI-3033KM
1 A, Low-Dropout,
3.3 V Regulator
www.allegromicro.com
Linear
Regulators
7
Dimensions in Millimeters
Recommended Land Pattern
Terminal Finish: Pure Sn, 2nd level interconnect category (e3)
Product Weight: Approx. 0.33 g
3000 pieces per reel.
Tab Temperature
(TT) Measured Here


Similar Part No. - SI-3033KM-TL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3033KM SANKEN-SI-3033KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3033KM-TL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
   3.3 V 300MA LOW DROPOUT REGULATOR
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com