Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44603DW Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC44603DW
Description  MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC44603DW Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC44603DW Datasheet HTML 3Page - ON Semiconductor MC44603DW Datasheet HTML 4Page - ON Semiconductor MC44603DW Datasheet HTML 5Page - ON Semiconductor MC44603DW Datasheet HTML 6Page - ON Semiconductor MC44603DW Datasheet HTML 7Page - ON Semiconductor MC44603DW Datasheet HTML 8Page - ON Semiconductor MC44603DW Datasheet HTML 9Page - ON Semiconductor MC44603DW Datasheet HTML 10Page - ON Semiconductor MC44603DW Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC44603
7
MOTOROLA ANALOG IC DEVICE DATA
500
425
400
375
350
325
300
–50
–25
0
25
50
75
100
Isource, OUTPUT SOURCE CURRENT (mA)
TA, AMBIENT TEMPERATURE (°C)
Figure 7. Oscillator Discharge Current
versus Temperature
Figure 8. Source Output Saturation Voltage
versus Load Current
2.5
2.0
1.5
1.0
0
100
200
300
400
500
450
475
VCC = 12 V
Rref = 10 k
CT = 820 pF
VCC = 12 V
Rref = 10 k
CT = 820 pF
TA = 25°C
f, FREQUENCY (kHz)
Figure 9. Sink Output Saturation Voltage
versus Sink Current
Isink, SINK OUTPUT CURRENT (mA)
Figure 10. Error Amplifier Gain and Phase
versus Frequency
1.6
0
0
100
80
2.0
1.2
0.8
0.4
200
300
400
500
60
40
20
0
–20
100
1.0
10
1000
140
50
–40
VCC = 12 V
G = 10
Vin = 30 mV
VO = 2.0 to 4.0 V
RL = 100 k
TA = 25°C
TA = 25°C
VCC = 12 V
80
µs Pulsed Load
120 Hz Rate
Sink Saturation
(Load to VCC)
Figure 11. Voltage Feedback Input
versus Temperature
Figure 12. Demag Comparator Threshold
versus Temperature
2.60
2.55
2.40
2.45
–50
–25
0
25
50
75
100
2.50
TA, AMBIENT TEMPERATURE (°C)
80
75
70
65
60
50
–50
–25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
55
VCC = 12 V
G = 10
VO = 2.0 to 4.0 V
RL = 100 k
VCC = 12 V


Similar Part No. - MC44603DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603A ONSEMI-MC44603A Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADW ONSEMI-MC44603ADW Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603ADW ONSEMI-MC44603ADW Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44603ADWG ONSEMI-MC44603ADWG Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
More results

Similar Description - MC44603DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44603A ONSEMI-MC44603A Datasheet
405Kb / 24P
   MIXED FREQUENCY MODE GREENLINE PWM CONTROLLER
1999 REV 1
MC44603A ONSEMI-MC44603A_05 Datasheet
259Kb / 22P
   Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency, Variable Frequency,Standby Mode
November, 2005 ??Rev. 4
MC44604 ONSEMI-MC44604 Datasheet
341Kb / 24P
   High Safety Pulsed Mode Stanby GreenLine PWM Controller
April, 2000 ??Rev. 2
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com