Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9710EUE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9710EUE
Description  3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9710EUE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9710EUE Datasheet HTML 3Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 4Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 5Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 6Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 7Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 8Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 9Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 10Page - Maxim Integrated Products MAX9710EUE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Detailed Description
The MAX9710/MAX9711 are 3W BTL speaker ampli-
fiers. The MAX9710 is a stereo speaker amplifier, while
the MAX9711 is a mono speaker amplifier. Both
devices feature a low-power shutdown mode, MUTE
mode, and comprehensive click-and-pop suppression.
These devices consist of high output-current op amps
configured as BTL amplifiers (see Functional Diagram).
The device gain is set by RF and RIN.
BIAS
These devices operate from a single 5V supply and
feature an internally generated, power-supply-indepen-
dent, common-mode bias voltage of 2.5V referenced to
ground. BIAS provides both click-and-pop suppression
and sets the DC bias level for the audio outputs. BIAS
is internally connected to the noninverting input of each
speaker amplifier (see Functional Diagram). Choose
the value of the bypass capacitor as described in the
BIAS Capacitor section. No external load should be
applied to BIAS. Any load lowers the BIAS voltage,
affecting the overall performance of the device.
Shutdown
The MAX9710/MAX9711 feature a 0.5µA low-power shut-
down mode that reduces quiescent current consump-
tion. Pulling SHDN low disables the device’s bias
circuitry, the amplifier outputs are actively pulled low,
and BIAS is driven to GND. Connect SHDN to VDD for
normal operation.
MUTE
Both devices feature a clickless/popless MUTE mode.
When the device is muted, the input disconnects from
the amplifier. MUTE only affects the power amplifiers
and does not shut down the device. Drive MUTE high to
mute the device. Drive MUTE low for normal operation.
Click-and-Pop Suppression
The MAX9710/MAX9711 feature Maxim’s patented com-
prehensive click-and-pop suppression. During startup,
the common-mode bias voltage of the amplifiers slowly
ramps to the DC bias point using an S-shaped wave-
form. When entering shutdown, the amplifier outputs are
actively driven low simultaneously. This scheme mini-
mizes the energy present in the audio band.
For optimum click-and-pop suppression, choose:
RIN x CIN < RBIAS x CBIAS
where RBIAS = 50k
Ω.
Applications Information
BTL Amplifier
The MAX9710/MAX9711 are designed to drive a load
differentially, a configuration referred to as BTL. The
BTL configuration (Figure 1) offers advantages over the
single-ended configuration, where one side of the load
is connected to ground. Driving the load differentially
doubles the output voltage compared to a single-
ended amplifier under similar conditions. Thus, the dif-
ferential gain of the device is twice the closed-loop gain
of the input amplifier. The effective gain is given by:
Substituting 2 x VOUT(P-P) for VOUT(P-P) into the follow-
ing equations yields four times the output power due to
doubling of the output voltage:
Since the differential outputs are biased at midsupply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be
large, expensive, consume board space, and degrade
low-frequency performance.
P
V
R
OUT
RMS
L
=
2
V
V
RMS
OUT P P
=
()
22
A
R
R
VD
F
IN
2
3W Mono/Stereo BTL Audio Power Amplifiers
with Shutdown
_______________________________________________________________________________________
7
+1
VOUT(P-P)
2 x VOUT(P-P)
VOUT(P-P)
-1
Figure 1. Bridge-Tied Load Configuration


Similar Part No. - MAX9710EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9710ETP MAXIM-MAX9710ETP Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
More results

Similar Description - MAX9710EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
NTE Electronics
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com