Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87931BYIT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS87931BYIT
Description  LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87931BYIT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS87931BYIT Datasheet HTML 1Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 2Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 3Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 4Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 5Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 6Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 7Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 8Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
87931BYI
www.icst.com/products/hiperclocks.html
REV. A JUNE 23, 2003
1
Integrated
Circuit
Systems, Inc.
ICS87931I
LOW SKEW, 1-TO-6
LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
GENERAL DESCRIPTION
The ICS87931I is a low voltage, low skew
LVCMOS/LVTTL Clock Multiplier/ Zero Delay
Buffer and a member of the HiPerClockS™ family
of High Performance Clock Solutions from ICS.
With output frequencies up to 150MHz, the
ICS87931I is targeted for high performance clock applications.
Along with a fully integrated PLL, the ICS87931I contains fre-
quency configurable outputs and an external feedback input for
regenerating clocks with “zero delay”.
Selectable clock inputs, CLK1 and differential CLK0, nCLK0
support redundant clock applications. The CLK_SEL input de-
termines which reference clock is used. The output divider val-
ues of Bank A, B and C are controlled by the DIV_SELA,
DIV_SELB and DIV_SELC, respectively.
For test and system debug purposes, the PLL_SEL input al-
lows the PLL to be bypassed. When LOW, the nMR input re-
sets the internal dividers and forces the outputs to the high im-
pedance state.
The effective fanout of the ICS87931I can be increased to 12
by utilizing the ability of each output to drive two series termi-
nated transmission lines.
FEATURES
• Fully integrated PLL
• 6 LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable differential CLK0, nCLK0 or LVCMOS/LVTTL clock
for redundant clock applications
• Maximum output frequency: 150MHz
• VCO range: 220MHz to 480MHz
• External feedback for “zero delay” clock regeneration
• Output skew, Same Frequency: 300ps (maximum)
• Output skew, Different Frequency: 400ps (maximum)
• Cycle-to-cycle jitter: 100ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Pin compatible with MPC931
HiPerClockS™
,&6
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
QB0
QB1
VDDO
EXTFB_SEL
CLK_SEL
PLL_SEL
nc
nc
VDDA
POWER_DN
CLK1
nMR
CLK0
nCLK0
GND
ICS87931I
32-Lead LQFP
7mm x 7mm x 1.4mm
package body
Y package
Top View
POWER_DN
PLL_SEL
CLK_SEL
CLK1
CLK0
nCLK0
EXTFB_SEL
EXT_FB
DIV_SELA
DIV_SELB
CLK_EN0
CLK_EN1
DIV_SELC
nMR
QA0
QA1
QB0
QB1
QC0
QC1
Pullup
Pulldown
Pullup
Pullup
Pullup
Pullup
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
None
0
1
0
1
1
0
1
0
POWER-ON RESET
PHASE
DETECTOR
LPF
DISABLE
LOGIC
VCO
÷8
÷4/÷6
÷2/÷4
÷2/÷4
÷2
BLOCK DIAGRAM


Similar Part No. - ICS87931BYIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results

Similar Description - ICS87931BYIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com