Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5623IRZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5623IRZ-T13
Description  Multi-Channel Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5623IRZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5623IRZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5623IRZ-T13 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN7507.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5623
Multi-Channel Buffer
The EL5623 integrates six channels of gamma buffers into a
single device. The top three gamma channels in each device
are designed to swing to the upper supply rail, with the other
three designed to swing to the lower rail. The output
capability of each channel is 10mA continuous, with 120mA
peak. The gamma buffers feature a 10MHz -3dB bandwidth
specification and a 9V/µs slew rate.
Packaged in the 16-pin TSSOP package, the EL5623 is
specified for operation over the -40°C to +85°C temperature
range.
Features
• Six gamma buffers
-10MHz BW
- 9V/µs SR
- 120mA peak IOUT
- 3 high side drivers
- 3 low side drivers
• 3.5mA supply current
• Pb-free available (RoHS compliant)
Applications
• TFT-LCD monitors
• LCD televisions
• Industrial flat panel displays
Pinout
EL5623
(16-PIN TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
(See Note)
PACKAGE
(Pb-Free)
TAPE &
REEL
PKG DWG. #
EL5623IRZ
16-Pin TSSOP
-
MDP0048
EL5623IRZ-T7
16-Pin TSSOP
7”
MDP0048
EL5623IRZ-T13
16-Pin TSSOP
13”
MDP0048
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
VS+
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VS-
VS+
IN1
IN2
IN3
IN4
IN5
IN6
VS-
Data Sheet
May 6, 2005


Similar Part No. - EL5623IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623IRZ-T13 RENESAS-EL5623IRZ-T13 Datasheet
411Kb / 7P
   Multi-Channel Buffer
More results

Similar Description - EL5623IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623 RENESAS-EL5623 Datasheet
411Kb / 7P
   Multi-Channel Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
ATMEL Corporation
EF4442 ATMEL-EF4442 Datasheet
169Kb / 21P
   ARINC 429 Multi-channel Buffer Receiver (RTA) (N Channel, Silicon Gate)
logo
National Semiconductor ...
LMC6008 NSC-LMC6008 Datasheet
85Kb / 4P
   8 Channel Buffer
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com