Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34184DTB Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34184DTB
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34184DTB Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34184DTB Datasheet HTML 4Page - ON Semiconductor MC34184DTB Datasheet HTML 5Page - ON Semiconductor MC34184DTB Datasheet HTML 6Page - ON Semiconductor MC34184DTB Datasheet HTML 7Page - ON Semiconductor MC34184DTB Datasheet HTML 8Page - ON Semiconductor MC34184DTB Datasheet HTML 9Page - ON Semiconductor MC34184DTB Datasheet HTML 10Page - ON Semiconductor MC34184DTB Datasheet HTML 11Page - ON Semiconductor MC34184DTB Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC34181,2,4 MC33181,2,4
11
MOTOROLA ANALOG IC DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 646–06
ISSUE L
D SUFFIX
PLASTIC PACKAGE
CASE 751A–03
(SO–14)
ISSUE F
OUTLINE DIMENSIONS – continued
NOTES:
1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE
POSITION AT SEATING PLANE AT MAXIMUM
MATERIAL CONDITION.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
4. ROUNDED CORNERS OPTIONAL.
17
14
8
B
A
F
HG
D
K
C
N
L
J
M
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.039
0.39
1.01
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Similar Part No. - MC34184DTB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34184D MOTOROLA-MC34184D Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - MC34184DTB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC35080 MOTOROLA-MC35080 Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com