Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5623IRZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5623IRZ-T7
Description  Multi-Channel Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5623IRZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5623IRZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5623IRZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN7507.1
May 6, 2005
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. OVERSHOOT vs CAPACITANCE LOAD
FIGURE 9. SETTLING TIME vs STEP SIZE
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves
PSRR+
VS=±7.5V
RL=1kΩ
CL=1.5pF
PSRR-
1K
10K
100K
1M
10M
FREQUENCY (Hz)
20
0
-20
-60
-80
-40
VS=±7.5V
RL=10kΩ
VOPP=1V
0
500
1K
1.5K
2K
CLOAD (pF)
60
50
40
10
0
20
30
VS=±7.5V
RL=10kΩ
CL=8pF
BUFFER
23456
STEP SIZE (+V)
800
700
500
300
200
400
600
0
50
75
100
125
AMBIENT TEMPERATURE (°C)
1.4
1
0.6
0.2
0
0.4
0.8
25
85
1.2
JEDEC JESD51-7 - HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.031W
θ
JA =9
7°C
/W
TS
SO
P16
0
50
75
100
125
AMBIENT TEMPERATURE (°C)
0.9
0.7
0.5
0.3
0
0.4
0.6
25
85
0.8
JEDEC JESD51-3 - LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.1
676mW
θ
JA =1
48°
C/W
TSS
OP
16
EL5623


Similar Part No. - EL5623IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623IRZ-T7 RENESAS-EL5623IRZ-T7 Datasheet
411Kb / 7P
   Multi-Channel Buffer
More results

Similar Description - EL5623IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5623 RENESAS-EL5623 Datasheet
411Kb / 7P
   Multi-Channel Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
ATMEL Corporation
EF4442 ATMEL-EF4442 Datasheet
169Kb / 21P
   ARINC 429 Multi-channel Buffer Receiver (RTA) (N Channel, Silicon Gate)
logo
National Semiconductor ...
LMC6008 NSC-LMC6008 Datasheet
85Kb / 4P
   8 Channel Buffer
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com