Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5486CU-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5486CU-T13
Description  Quad 4ns High Speed Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5486CU-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5486CU-T13 Datasheet HTML 1Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 2Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 3Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 4Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 5Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 6Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 7Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 8Page - Intersil Corporation EL5486CU-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance Curves
Offset Voltage vs Temperature
-50
-30
10
30
50
70
90
2.5
2
1
0.5
0
-0.5
Temperature (°C)
1.5
-10
Input Bias Current vs Temperature
-50
-30
30
50
90
9
8
4
3
2
1
Temperature (°C)
6
-10
10
70
7
5
Supply Current vs Supply Voltage
14
12
10
8
6
4
2
0
0123456
±VS (V)
IS+
IS-
VIN=-50mV
RL=2.3kΩ
Supply Current vs Temperature (per comparator)
14
12
10
8
6
4
2
0
-50
-30
10
30
50
70
90
Temperature (°C)
IS+
IS-
-10
Output Low Voltage vs Temperature
-50
-30
10
30
50
70
90
Temperature (°C)
-10
Output High Voltage vs Temperature
-50
-30
10
30
50
70
90
Temperature (°C)
-10
0.4
0.1
0.2
0.3
4.8
4.4
4.2
4
5
4.6
EL5485, EL5486


Similar Part No. - EL5486CU-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5486CU-T13 ELANTEC-EL5486CU-T13 Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results

Similar Description - EL5486CU-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com