Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5611IRE Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5611IRE
Description  60MHz Rail-to-Rail Input-Output VCOM Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5611IRE Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5611IRE Datasheet HTML 4Page - Intersil Corporation EL5611IRE Datasheet HTML 5Page - Intersil Corporation EL5611IRE Datasheet HTML 6Page - Intersil Corporation EL5611IRE Datasheet HTML 7Page - Intersil Corporation EL5611IRE Datasheet HTML 8Page - Intersil Corporation EL5611IRE Datasheet HTML 9Page - Intersil Corporation EL5611IRE Datasheet HTML 10Page - Intersil Corporation EL5611IRE Datasheet HTML 11Page - Intersil Corporation EL5611IRE Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN7355.1
August 3, 2005
Applications Information
Product Description
The EL5611 and EL5811 voltage feedback amplifiers are
fabricated using a high voltage CMOS process. They exhibit
rail-to-rail input and output capability, are unity gain stable
and have low power consumption (2.5mA per amplifier).
These features make the EL5611, and EL5811 ideal for a
wide range of general-purpose applications. Connected in
voltage follower mode and driving a load of 1k
Ω, the EL5611
and EL5811 have a -3dB bandwidth of 60MHz while
maintaining a 75V/µs slew rate. The EL5611 a six channel
amplifier, and the EL5811 an 8 channel amplifier.
Operating Voltage, Input, and Output
The EL5611and EL5811 are specified with a single nominal
supply voltage from 5V to 15V or a split supply with its total
range from 5V to 15V. Correct operation is guaranteed for a
supply range of 4.5V to 16.5V. Most EL5611 and EL5811
specifications are stable over both the full supply range and
operating temperatures of -40°C to +85°C. Parameter
variations with operating voltage and/or temperature are
shown in the typical performance curves.
The input common-mode voltage range of the EL5611 and
EL5811 extends 500mV beyond the supply rails. The output
swings of the EL5611 and EL5811 typically extend to within
100mV of positive and negative supply rails with load
currents of 5mA. Decreasing load currents will extend the
output voltage range even closer to the supply rails. Figure
27 shows the input and output waveforms for the device in
the unity-gain configuration. Operation is from ±5V supply
with a 1k
Ω load connected to GND. The input is a 10VP-P
sinusoid. The output voltage is approximately 9.8VP-P.
Short Circuit Current Limit
The EL5611 and EL5811 will limit the short circuit current to
±180mA if the output is directly shorted to the positive or the
negative supply. If an output is shorted indefinitely, the power
dissipation could easily increase such that the device may
be damaged. Maximum reliability is maintained if the output
continuous current never exceeds ±65mA. This limit is set by
the design of the internal metal interconnects.
Output Phase Reversal
The EL5611 and EL5811 are immune to phase reversal as
long as the input voltage is limited from VS- -0.5V to VS+
+0.5V. Figure 28 shows a photo of the output of the device
with the input voltage driven beyond the supply rails.
Although the device's output will not change phase, the
input's overvoltage should be avoided. If an input voltage
exceeds supply voltage by more than 0.6V, electrostatic
protection diodes placed in the input stage of the device
begin to conduct and overvoltage damage could occur.
Power Dissipation
With the high-output drive capability of the EL5611 and
EL5811 amplifiers, it is possible to exceed the 125°C
'absolute-maximum junction temperature' under certain load
current conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if load conditions need to be modified for the
amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
ΘJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
5V
5V
10µs
VS = ±5V, TA = 25°C, AV = 1, VIN = 10VP-P
FIGURE 27. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
1V
1V
10µs
VS = ±2.5V, TA = 25°C, AV = 1, VIN = 6VP-P
FIGURE 28. OPERATION WITH BEYOND-THE-RAILS INPUT
PDMAX
TJMAX TAMAX
Θ
JA
---------------------------------------------
=
PDMAX
ΣiV
[
S
ISMAX V
(
S+VOUTi )
ILOADi
×
+
×]
=
EL5611, EL5811


Similar Part No. - EL5611IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611IRE RENESAS-EL5611IRE Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T13 RENESAS-EL5611IRE-T13 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T7 RENESAS-EL5611IRE-T7 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
More results

Similar Description - EL5611IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611 RENESAS-EL5611 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
   Rail to Rail Input-Output VCOM Buffer
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com