Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5462ISZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5462ISZ-T7
Description  500MHz Low Power Current Feedback Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5462ISZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5462ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5462ISZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7492.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5462
500MHz Low Power Current Feedback
Amplifier
The EL5462 is a current feedback amplifier with a bandwidth
of 500MHz which makes this amplifier ideal for today’s high
speed video and monitor applications.
With a supply current of just 1.5mA per amplifier and the
ability to run from a single supply voltage from 5V to 12V, the
EL5462 is also ideal for handheld, portable or battery-
powered equipment.
The EL5462 is available in a 14-pin SO package and
operates over the industrial temperature range of -40°C to
+85°C.
Pinout
EL5462
(14-PIN SO)
TOP VIEW
Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate
• 1.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V supply
span
• High speed, 1.4GHz product available (EL5167 &
EL5167)
• High speed, 4mA, 630MHz product available (EL5164 &
EL5165)
• Pb-free available (RoHS compliant)
Applications
• Battery-powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current-to-voltage converters
-+
-
+
OUTD
IND-
IND+
VS-
INC+
INC-
1
2
3
4
14
13
12
11
5
6
7
10
9
8 OUTC
OUTA
INA-
INA+
VS+
INB+
INB-
OUTB
-+
-
+
AD
BC
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5462IS
14-Pin SO
-
MDP0027
EL5462IS-T7
14-Pin SO
7”
MDP0027
EL5462IS-T13
14-Pin SO
13”
MDP0027
EL5462ISZ
(See Note)
14-Pin SO
(Pb-Free)
-
MDP0027
EL5462ISZ-T7
(See Note)
14-Pin SO
(Pb-Free)
7”
MDP0027
EL5462ISZ-T13
(See Note)
14-Pin SO
(Pb-Free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
February 14, 2005


Similar Part No. - EL5462ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462ISZ-T7 INTERSIL-EL5462ISZ-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462ISZ-T7 RENESAS-EL5462ISZ-T7 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
More results

Similar Description - EL5462ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com