Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3358P1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC3358P1
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3358P1 Datasheet(HTML) 6 Page - ON Semiconductor

  MC3358P1 Datasheet HTML 1Page - ON Semiconductor MC3358P1 Datasheet HTML 2Page - ON Semiconductor MC3358P1 Datasheet HTML 3Page - ON Semiconductor MC3358P1 Datasheet HTML 4Page - ON Semiconductor MC3358P1 Datasheet HTML 5Page - ON Semiconductor MC3358P1 Datasheet HTML 6Page - ON Semiconductor MC3358P1 Datasheet HTML 7Page - ON Semiconductor MC3358P1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC3458 MC3358
6
MOTOROLA ANALOG IC DEVICE DATA
R1
R1 +R2
R1
R1 +R2
R1
R1 +R2
1
C
1
C
MC3458
1
2
πRC
1
2
1
2
Figure 7. Voltage Reference
Figure 8. Wien Bridge Oscillator
Figure 9. High Impedance Differential Amplifier
Figure 10. Comparator with
Hysteresis
Figure 11. Bi–Quad Filter
+
VCC
10 k
R1
R2
VO
VCC
10 k
VO =
VO =
VCC
R1
R1 +R2
1
2
1/2
MC3458
+
10 k
VO
VCC
50 k
5.0 k
R
C
C
R
Vref =
VCC
fo =
1
2
πRC
For:
fo
= 1.0 kHz
R
= 16 k
C
= 0.01
µF
1/2
MC3458
Vret
+
e1
e2
R
eo
R
b R1
R1
eo = C (1 +a +b) (e2 –e1)
1/2
MC3458
1/2
MC3458
1/2
MC3458
a R1
+
+
R
R
+
Vret
Vin
R1
R2
VO
VO
VOH
VOL
VinL VinH
Vref
Hysteresis
VinL =
VinH =
Vh =
(VOL – Vref) +Vref
(VOH – Vref) +Vref
(VOH – VOL)
1/2
MC3458
Vref =
VCC
+
R2
C1
Vin
Vref
Vref
Vref
Vref
R
100 k
100 k
R2
R1
R3
C1
Bandpass
Output
R = 160 k
C = 0.001
µF
R1 = 1.6 M
R2 = 1.6 M
R3 = 1.6 M
TBP = center frequency gain
TN = passband notch gain
fo =
R1 = QR
R2 =
R3 = TN R2
C1 = 10 C
fo = 1.0 kHz
Q = 10
TBP = 1
TN = 1
R1
TBP
R
C
C
Notch Output
1/2
MC3458
1/2
MC3458
1/2
1/2
MC3458
+
+
+
For:
Where:


Similar Part No. - MC3358P1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3358P1 MOTOROLA-MC3358P1 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
More results

Similar Description - MC3358P1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com