Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5412 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5412
Description  40MHz Rail-to-Rail Input-Output Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5412 Datasheet(HTML) 8 Page - Intersil Corporation

  EL5412 Datasheet HTML 1Page - Intersil Corporation EL5412 Datasheet HTML 2Page - Intersil Corporation EL5412 Datasheet HTML 3Page - Intersil Corporation EL5412 Datasheet HTML 4Page - Intersil Corporation EL5412 Datasheet HTML 5Page - Intersil Corporation EL5412 Datasheet HTML 6Page - Intersil Corporation EL5412 Datasheet HTML 7Page - Intersil Corporation EL5412 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7394.1
December 22, 2004
Where:
• i = Channel 1 to 4
•VS = Total supply voltage
•ISMAX = Maximum supply current per amplifier
•VOUTi = Maximum output voltage of the application
•ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figure 10
and Figure 11 provide a convenient way to see if the device
will overheat. The maximum safe power dissipation can be
found graphically, based on the package type and the
ambient temperature. By using the previous equation, it is a
simple matter to see if PDMAX exceeds the device's power
derating curves. To ensure proper operation, it is important
to observe the recommended derating curves shown in
Figures 10 and 11.
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Unused Amplifiers
It is recommended that any unused amplifiers be configured
as a unity gain follower. The inverting input should be directly
connected to the output and the non-inverting input tied to
the ground plane.
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5412 can provide gain at high frequency. As with any
high-frequency device, good printed circuit board layout is
necessary for optimum performance. Ground plane
construction is highly recommended, lead lengths should be
as short as possible and the power supply pins must be well
bypassed to reduce the risk of oscillation. For normal single
supply operation, where the VS- pin is connected to ground,
a 0.1µF ceramic capacitor should be placed from VS+ to pin
to VS- pin. A 4.7µF tantalum capacitor should then be
connected in parallel, placed in the region of the amplifier.
One 4.7µF capacitor may be used for multiple devices. This
same capacitor combination should be placed at each
supply pin to ground if split supplies are to be used.
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - HTSSOP
EXPOSED DIEPAD SOLDERED TO PCB PER
JESD51-5
3.5
3
2.5
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
2
2.632W
θ
JA =
38°
C/W
HT
SS
OP
14
100
MAX
TJ=125°C
θJA=1
00°C/W
1.0W
TSSOP
14
400
800
0
1200
1000
600
200
PACKAGE MOUNTED ON A JEDEC JESD51-3
LOW EFFECTIVE THERMAL CONDUCTIVITY
TEST BOARD
606mW
θ
JA=16
5°C
/W
TSS
OP1
4
MAX
TJ=125°C
50
150
AMBIENT TEMPERATURE (°C)
100
025
75
125
85
694mW
θ
JA =1
44°C
/W
HT
SS
OP
14
EL5412


Similar Part No. - EL5412

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IR RENESAS-EL5412IR Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IR-T13 RENESAS-EL5412IR-T13 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IR-T7 RENESAS-EL5412IR-T7 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IRE RENESAS-EL5412IRE Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
More results

Similar Description - EL5412

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com