Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS635LSE Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS635LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS635LSE Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS635LSE Datasheet HTML 4Page - Allegro MicroSystems ATS635LSE Datasheet HTML 5Page - Allegro MicroSystems ATS635LSE Datasheet HTML 6Page - Allegro MicroSystems ATS635LSE Datasheet HTML 7Page - Allegro MicroSystems ATS635LSE Datasheet HTML 8Page - Allegro MicroSystems ATS635LSE Datasheet HTML 9Page - Allegro MicroSystems ATS635LSE Datasheet HTML 10Page - Allegro MicroSystems ATS635LSE Datasheet HTML 11Page - Allegro MicroSystems ATS635LSE Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
Page 8 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
Program Enable.
To program the device, a keying sequence is used to activate / enable the programming mode as
shown in Figure 4. This program key sequence consisting of a VPP pulse, at least seven VPH pulses, and a VPP pulse with
no supply interruptions. The sequence is designed to prevent the device from being programmed accidentally (e.g., as a
result of noise on the supply line).
0
t
d(1)
t
d(1)
t
d(0)
PROGRAM ENABLE
7 or More Pulses
(8 Pulses Shown)
V
PL
V
PH
V
PP
Figure 4 – Program Enable Pulse Sequence
Code Programming.
After the desired switch point code is selected (0 through 127), each bit of the corresponding binary
address should be programmed individually, not at the same time. For example, to program code 5 (binary 000101), bits
1 and 3 need to be programmed. A bit is programmed by addressing the code and then applying a VPP pulse, the
programming is not reversible. An appropriate sequence for blowing code 5 is shown in Figure 5.
Figure 5 – Code Programming Example
Polarity Bit Programming.
If the desired switchpoint has negative polarity, the polarity bit must be programmed. To do
this it is necessary to first apply the polarity key sequence before the program key sequence (Figure 6). Finally a VPP
pulse of duration tdP must be applied to program this bit, the programming is not reversible. The polarity bit is for adjusting
programming range only and will not affect the output polarity. The proper output polarity device is determined by
ordering the correct part number (ATS635 or ATS636), as they are different ICs.
V
PH
V
PP
Program Enable
0
V
PL
t
d(1)
t
d(1)
t
d(0)
t
dP
Figure 6 – Polarity Bit Programming
V
PH
V
PP
Program Enable
Bit 3 Address
000100
Code 4
Program Enable
0
V
PL
t
d(1)
t
d(1)
t
d(0)
t
dP
000001
Code 1


Similar Part No. - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS632LSA ALLEGRO-ATS632LSA Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS632LSA ALLEGRO-ATS632LSA Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
   Highly Programmable, Back-Biased, Hall-Effect Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
   Highly Programmable Hall-Effect Switch
A1162 ALLEGRO-A1162 Datasheet
656Kb / 23P
   Programmable Precision Hall-Effect Switch with Advanced Diagnostics
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Allegro MicroSystems
A1232 ALLEGRO-A1232 Datasheet
515Kb / 22P
   Ultra-Sensitive, Hall-Effect Speed and Direction Sensor with TPOS
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com