Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC3458 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC3458
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MC3458 MC3358
4
MOTOROLA ANALOG IC DEVICE DATA
Representative Schematic Diagram
(1/2 of Circuit Shown)
VEE (Gnd)
VCC
Output
Q23
Inputs
+
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
Q1
Q24
Q25
Q27
Q28
Q29
Q30
60 k
37k
25
40 k
2.4 k
2.0 k
31 k
5.0 pF
Bias Circuitry
Common to Both
Amplifiers
Inverter Pulse Response
20
µs/DIV
CIRCUIT DESCRIPTION
The MC3458/3358 is made using two internally
compensated, two–stage operational amplifiers. The first
stage of each consists of differential input devices Q24 and
Q22 with input buffer transistors Q25 and Q21 and the
differential to single ended converter Q3 and Q4. The first
stage performs not only the first stage gain function but also
performs the level shifting and transconductance reduction
functions. By reducing the transconductance, a smaller
compensation capacitor (only 5.0 pF) can be employed, thus
saving chip area. The transconductance reduction is
accomplished by splitting the collectors of Q24 and Q22.
Another feature of this input stage is that the input Common
Mode range can include the negative supply or ground, in
single supply operation, without saturating either the input
devices or the differential to single–ended converter. The
second stage consists of a standard current source load
amplifier stage.
The output stage is unique because it allows the output to
swing to ground in single supply operation and yet does not
exhibit any crossover distortion in split supply operation. This
is possible because Class AB operation is utilized.
Each amplifier is biased from an internal voltage regulator
which has a low temperature coefficient thus giving each
amplifier good temperature characteristics as well as
excellent power supply rejection.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
M5238FPDUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
M5238ALDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
LA6082DJ-FET Input Dual Operational Amplifiers 1 2 3 4 5 Sanyo Semicon Device
MC3403QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
M5240PDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl