Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC3458 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC3458
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
MC3458 MC3358
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
MC3458
MC3358
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
5.0
2.0
10
mV
Input Offset Current
IIO
30
50
75
nA
Input Bias Current
IIB
–200
–500
–500
nA
Large Signal Open Loop Voltage Gain
AVOL
20
200
20
200
V/mV
RL = 2.0 kΩ,
Power Supply Rejection Ratio
PSRR
150
150
µV/V
Output Voltage Range (Note 3)
VOR
Vpp
RL = 10 kΩ, VCC = 5.0 V
3.3
3.5
3.3
3.5
RL = 10 kΩ, 5.0 V ≤ VCC ≤ 30 V
VCC
–1.7
VCC
–1.7
Power Supply Current
ICC
2.5
7.0
2.5
4.0
mA
Channel Separation
CS
–120
–120
dB
f = 1.0 kHz to 20 kHz (Input Referenced)
NOTE:
3. Output will swing to ground with a 10 k
Ω pull down resistor.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
M5238FPDUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
M5238ALDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
LA6082DJ-FET Input Dual Operational Amplifiers 1 2 3 4 5 Sanyo Semicon Device
MC3403QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
M5240PDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl