Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC3458 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC3458
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 2 page
background image
MC3458 MC3358
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (For MC3458, VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
(For MC3358, VCC = +14 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
MC3458
MC3358
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
10
2.0
8.0
mV
TA = Thigh to Tlow (Note 1)
12
10
Input Offset Current
IIO
30
50
30
75
nA
TA = Thigh to Tlow
200
250
Large Signal Open Loop Voltage Gain
AVOL
V/mV
VO = ±10 V, RL = 2.0 kΩ,
20
200
20
200
TA = Thigh to Tlow
15
15
Input Bias Current
IIB
–200
–500
–200
–500
nA
TA = Thigh to Tlow
–800
–1000
Output Impedance, f = 20 Hz
zO
75
75
Input Impedance, f = 20 Hz
zI
0.3
1.0
0.3
1.0
M
Output Voltage Range
VOR
V
RL = 10 kΩ
±12
±13.5
12
12.5
RL = 2.0 kΩ
±10
±13
10
12
RL = 2.0 kΩ, TA = Thigh to Tlow
±10
10
Input Common Mode Voltage Range
VICR
+13
–VEE
+13.5
–VEE
+13
–VEE
+13.5
–VEE
V
Common Mode Rejection Ratio, RS ≤ 10 kΩ
CMR
70
90
70
90
dB
Power Supply Current (VO = 0) RL = ∞
ICC, IEE
1.6
3.7
1.6
3.7
mA
Individual Output Short Circuit Current (Note 2)
ISC
±10
±20
±45
±10
±30
±45
mA
Positive Power Supply Rejection Ratio
PSRR+
30
150
30
150
µV/V
Negative Power Supply Rejection Ratio
PSRR–
30
150
µV/V
Average Temperature Coefficient of Input
∆IIO/∆T
50
50
pA/
°C
Offset Current, TA = Thigh to Tlow
Average Temperature Coefficient of Input
∆VIO/∆T
10
10
µV/°C
Offset Current, TA = Thigh to Tlow
Power Bandwidth
BWp
9.0
9.0
kHz
AV = 1, RL = 2.0 kΩ, VO = 20 Vpp, THD = 5%
Small Signal Bandwidth
BW
1.0
1.0
MHz
AV = 1, RL = 10 kΩ, VO = 50 mV
Slew Rate
SR
0.6
0.6
V/
µs
AV = 1, VI = –10 V to +10 V
Rise Time
tTLH
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Fall Time
tTHL
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Overshoot
os
20
20
%
AV = 1, RL = 10 kΩ, VO = 50 mV
Phase Margin
φm
60
60
Degrees
AV = 1, RL = 2.0 kΩ, CL = 200 pF
Crossover Distortion
1.0
1.0
%
(Vin = 30 mVpp, Vout = 2.0 Vpp, f = 10 kHz)
NOTES: 1. Thigh = 70°C for MC3458, 85°C for MC3358
Tlow = 0°C for MC3458, –40°C for MC3358
2. Not to exceed maximum package power dissipation.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
M5238FPDUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
M5238ALDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
LA6082DJ-FET Input Dual Operational Amplifiers 1 2 3 4 5 Sanyo Semicon Device
MC3403QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
M5240PDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl