Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC3458 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC3458
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
Device
Operating
Temperature Range
Package
MC3458
MC3358
SEMICONDUCTOR
TECHNICAL DATA
DUAL DIFFERENTIAL
INPUT
OPERATIONAL AMPLIFIERS
ORDERING INFORMATION
MC3358P1
MC3458D
TA = –40° to +85°C
TA = 0° to +70°C
Plastic DIP
SO–8
PIN CONNECTIONS
Order this document by MC3458/D
MC3458P1
Plastic DIP
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
1
8
8
VEE/Gnd
Inputs A
Inputs B
Output B
Output A
VCC
+
+
1
2
3
4
8
7
6
5
(Top View)
1
MOTOROLA ANALOG IC DEVICE DATA
Dual, Low Power
Operational Amplifiers
Utilizing the circuit designs perfected for the quad operational amplifiers,
these dual operational amplifiers feature: 1) low power drain, 2) a common
mode input voltage range extending to ground/VEE, and 3) Single Supply or
Split Supply operation.
These amplifiers have several distinct advantages over standard
operational amplifier types in single supply applications. They can operate at
supply voltages as low as 3.0 V or as high as 36 V with quiescent currents
about one–fifth of those associated with the MC1741C (on a per amplifier
basis). The common mode input range includes the negative supply, thereby
eliminating the necessity for external biasing components in many
applications. The output voltage range also includes the negative power
supply voltage.
Short Circuit Protected Outputs
True Differential Input Stage
Single Supply Operation: 3.0 V to 36 V
Low Input Bias Currents
Internally Compensated
Common Mode Range Extends to Negative Supply
Class AB Output Stage for Minimum Crossover Distortion
Single and Split Supply Operations Available
Similar Performance to the Popular MC1458
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
36
Split Supplies
VCC, VEE
±18
Input Differential Voltage Range (1)
VIDR
±30
Vdc
Input Common Mode Voltage Range (2)
VICR
±15
Vdc
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Operating Ambient Temperature Range
TA
°C
MC3458
0 to +70
MC3358
–40 to +85
NOTES: 1. Split Power Supplies.
2. For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
© Motorola, Inc. 1996
Rev 0




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
LM358DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMotorola, Inc
M5238FPDUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
M5238ALDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 Mitsubishi Electric Semiconductor
LA6082DJ-FET Input Dual Operational Amplifiers 1 2 3 4 5 Sanyo Semicon Device
MC3403QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreON Semiconductor
M5240PDUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl