Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS755SCB-200 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ACS755SCB-200
Description  Current Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS755SCB-200 Datasheet(HTML) 8 Page - Allegro MicroSystems

  ACS755SCB-200 Datasheet HTML 1Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 2Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 3Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 4Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 5Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 6Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 7Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 8Page - Allegro MicroSystems ACS755SCB-200 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS755200-DS, Rev. 2
Current Sensor: ACS755SCB-200
Standards and Physical Specifications
Parameter
Specification
Flammability (package molding compound)
UL recognized to UL 94V-0
Fire and Electric Shock
UL60950-1:2003
EN60950-1:2001
CAN/CSA C22.2 No. 60950-1:2003
Creepage distance, current terminals to sensor pins
7.25 mm
Clearance distance, current terminals to sensor pins
7.25 mm
Package mass
4.63 g typical
Device Branding Key (Two alternative styles are used)
ACS755
SCB200
YYWWA
ACS
Allegro Current Sensor
755
Device family number
S
Operating ambient temperature range code
CB
Package type designator
200
Maximum measurable current
YY
Manufacturing date code: Calendar year (last two digits)
WW
Manufacturing date code: Calendar week
A
Manufacturing date code: Shift code
ACS755
SCB200
L...L
YYWW
ACS
Allegro Current Sensor
755
Device family number
S
Operating ambient temperature range code
CB
Package type designator
200
Maximum measurable current
L...L
Manufacturing lot code
YY
Manufacturing date code: Calendar year (last two digits)
WW
Manufacturing date code: Calendar week


Similar Part No. - ACS755SCB-200

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS755SCB-050-PFF ALLEGRO-ACS755SCB-050-PFF Datasheet
434Kb / 10P
   Current Sensor
ACS755SCB-050-PSF ALLEGRO-ACS755SCB-050-PSF Datasheet
434Kb / 10P
   Current Sensor
ACS755SCB-050-PSS ALLEGRO-ACS755SCB-050-PSS Datasheet
434Kb / 10P
   Current Sensor
ACS755SCB-100-PFF ALLEGRO-ACS755SCB-100-PFF Datasheet
434Kb / 10P
   Current Sensor
ACS755SCB-100-PSF ALLEGRO-ACS755SCB-100-PSF Datasheet
434Kb / 10P
   Current Sensor
More results

Similar Description - ACS755SCB-200

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com