Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5292CY Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5292CY
Description  Dual 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CY Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5292CY Datasheet HTML 6Page - Intersil Corporation EL5292CY Datasheet HTML 7Page - Intersil Corporation EL5292CY Datasheet HTML 8Page - Intersil Corporation EL5292CY Datasheet HTML 9Page - Intersil Corporation EL5292CY Datasheet HTML 10Page - Intersil Corporation EL5292CY Datasheet HTML 11Page - Intersil Corporation EL5292CY Datasheet HTML 12Page - Intersil Corporation EL5292CY Datasheet HTML 13Page - Intersil Corporation EL5292CY Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Typical Performance Curves (Continued)
Positive Input Resistance vs Temperature
50
45
30
20
15
10
0
-40
10
160
Temperature (°C)
25
110
60
35
40
5
Supply Current vs Temperature
8
4
3
2
1
0
-40
10
110
160
Temperature (°C)
60
5
6
7
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.8
3.7
3.6
3.5
-40
10
50
160
Temperature (°C)
3.9
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
110
160
Temperature (°C)
-3.8
110
150
1k
60
150
1k
Slew Rate vs Temperature
4600
4400
4000
3800
3600
3400
3200
3000
-40
10
60
110
160
Die Temperature (°C)
4200
AV=2
RF=RG=375Ω
RL=150Ω
Output Current vs Temperature
135
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
Sink
Source
EL5292, EL5292A


Similar Part No. - EL5292CY

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
EL5292CS ELANTEC-EL5292CS Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5292CS INTERSIL-EL5292CS Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292CS RENESAS-EL5292CS Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5292CS-T13 ELANTEC-EL5292CS-T13 Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
More results

Similar Description - EL5292CY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com