Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5293CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL5293CS Datasheet HTML 1Page - Intersil Corporation EL5293CS Datasheet HTML 2Page - Intersil Corporation EL5293CS Datasheet HTML 3Page - Intersil Corporation EL5293CS Datasheet HTML 4Page - Intersil Corporation EL5293CS Datasheet HTML 5Page - Intersil Corporation EL5293CS Datasheet HTML 6Page - Intersil Corporation EL5293CS Datasheet HTML 7Page - Intersil Corporation EL5293CS Datasheet HTML 8Page - Intersil Corporation EL5293CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Typical Performance Curves (Continued)
Frequency Response for Various CL
1M
10M
100M
1G
14
10
6
2
-2
-6
Frequency (Hz)
AV=2
RL=150Ω
RF=RG=500Ω
33pF
22pF
15pF
8pF
0pF
Group Delay vs Frequency
1M
10M
100M
1G
Frequency (Hz)
AV=1
RF=750Ω
AV=2
RF=500Ω
Frequency Response for Various Common-Mode Input
Voltages
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
RF=500Ω
RL=150Ω
VCM=3V
VCM=0V
VCM=-3V
3.5
0
3
2.5
2
1.5
1
0.5
Frequency Response for Various RF
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
RG=RF
RL=150Ω
340
475
620
750
1.2k
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10M
100
1k
10k
100k
1M
Phase
PSRR and CMRR vs Frequency
Frequency (Hz)
20
-80
-60
-40
-20
0
10k
100k
1M
10M
1G
100M
-90
-180
-270
-360
0
Gain
PSRR+
PSRR-
CMRR
EL5293, EL5293A


Similar Part No. - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5293CS ELANTEC-EL5293CS Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5293CS INTERSIL-EL5293CS Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293CS RENESAS-EL5293CS Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5293CS-T13 ELANTEC-EL5293CS-T13 Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5293CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com