Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5325 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5325
Description  12-Channel TFT-LCD Reference Voltage Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5325 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5325 Datasheet HTML 1Page - Intersil Corporation EL5325 Datasheet HTML 2Page - Intersil Corporation EL5325 Datasheet HTML 3Page - Intersil Corporation EL5325 Datasheet HTML 4Page - Intersil Corporation EL5325 Datasheet HTML 5Page - Intersil Corporation EL5325 Datasheet HTML 6Page - Intersil Corporation EL5325 Datasheet HTML 7Page - Intersil Corporation EL5325 Datasheet HTML 8Page - Intersil Corporation EL5325 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
General Description
The EL5325 provides a versatile method of providing the
reference voltages that are used in setting the transfer
characteristics of LCD display panels. The V/T
(Voltage/Transmission) curve of the LCD panel requires that
a correction is applied to make it linear; however, if the panel
is to be used in more than one application, the final curve
may differ for different applications. By using the EL5325,
the V/T curve can be changed to optimize its characteristics
according to the required application of the display product.
Each of the eight reference voltage outputs can be set with a
10-bit resolution. These outputs can be driven to within
50mV of the power rails of the EL5325. As all of the output
buffers are identical, it is also possible to use the EL5325 for
applications other than LCDs where multiple voltage
references are required that can be set to 10 bit accuracy.
Digital Interface
The EL5325 uses a simple 3-wire SPI compliant digital
interface to program the outputs. The EL5325 can support
the clock rate up to 5MHz.
Serial Interface
The EL5325 is programmed through a three-wire serial
interface. The start and stop conditions are defined by the
ENA signal. While the ENA is low, the data on the SDI (serial
data input) pin is shifted into the 16-bit shift register on the
positive edge of the SCLK (serial clock) signal. The MSB (bit
15) is loaded first and the LSB (bit 0) is loaded last (see
Table 1). After the full 16-bit data has been loaded, the ENA
is pulled high and the addressed output channel is updated.
The SCLK is disabled internally when the ENA is high. The
SCLK must be low before the ENA is pulled low.
FIGURE 7. SMALL SIGNAL RESPONSE (RISING FROM 0V
TO 200mV)
FIGURE 8. SMALL SIGNAL RESPONSE (FALLING FROM
200mV TO 0V)
FIGURE 9. POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 10. POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
SDA
OUTPUT
SCLK
M=400µs/DIV
5V
0V
0V
5V
0V
200mV
SDA
OUTPUT
SCLK
M=400µs/DIV
833mW
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.9
0.8
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
0.7
0.5
θ
JA =
120
°C
/W
TS
SO
P2
8
1.333W
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
θ
JA =
75°
C/W
TS
SO
P2
8
EL5325


Similar Part No. - EL5325

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325A INTERSIL-EL5325A Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325AIREZ INTERSIL-EL5325AIREZ Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325AIREZ RENESAS-EL5325AIREZ Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
More results

Similar Description - EL5325

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com