Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5293 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5293
Description  Dual 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5293 Datasheet HTML 1Page - Intersil Corporation EL5293 Datasheet HTML 2Page - Intersil Corporation EL5293 Datasheet HTML 3Page - Intersil Corporation EL5293 Datasheet HTML 4Page - Intersil Corporation EL5293 Datasheet HTML 5Page - Intersil Corporation EL5293 Datasheet HTML 6Page - Intersil Corporation EL5293 Datasheet HTML 7Page - Intersil Corporation EL5293 Datasheet HTML 8Page - Intersil Corporation EL5293 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . .11V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . .VS- - 0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1
300
MHz
AV = +2
200
MHz
BW1
0.1dB Bandwidth
20
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
1900
2200
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
12
ns
CS
Channel Separation
f = 5MHz
60
dB
eN
Input Voltage Noise
4.4
nV/
√Hz
iN-
IN- Input Current Noise
17
pA/
√Hz
iN+
IN+ Input Current Noise
50
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.03
%
dP
Differential Phase Error (Note 1)
AV = +2
0.04
°
DC PERFORMANCE
VOS
Offset Voltage
-10
1
10
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
5µV/°C
ROL
Transimpediance
300
600
k
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
42
50
dB
+IIN
+ Input Current
-60
1
80
µA
-IIN
- Input Current
-35
1
35
µA
RIN
Input Resistance
45
k
CIN
Input Capacitance
0.5
pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.4
±3.7
V
RL = 1kΩ to GND
±3.8
±4.0
V
IOUT
Output Current
RL = 10Ω to GND
95
120
mA
SUPPLY
ISON
Supply Current - Enabled (per amplifier)
No load, VIN = 0V
345
mA
ISOFF
Supply Current - Disabled (per amplifier)
No load, VIN = 0V
100
150
µA
EL5293, EL5293A


Similar Part No. - EL5293

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5293 ELANTEC-EL5293 Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5293 INTERSIL-EL5293 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293A INTERSIL-EL5293A Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293A RENESAS-EL5293A Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5293

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com