Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5285CS-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5285CS-T13
Description  Dual 4ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5285CS-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5285CS-T13 Datasheet HTML 1Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 2Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 3Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 4Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 5Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 6Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 7Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 8Page - Intersil Corporation EL5285CS-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7190
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5285
Dual 4ns High-Speed Comparator
The EL5285 comparator is designed
for operation in single supply and dual
supply applications with 5V to 12V
between VS+ and VS-. For single supplies, the inputs can
operate from 0.1V below ground for use in ground sensing
applications.
The output side of the comparators can be supplied from a
single supply of 2.7V to 5V. The rail-to-rail output swing
enables direct connection of the comparator to both CMOS
and TTL logic circuits.
The latch input of the EL5285 can be used to hold the
comparator output value by applying a low logic level to the
pin. The EL5285 features two separate comparators
The EL5285 is available in the 14-pin SO package and is
specified for operation over the full -40°C to +85°C
temperature range. Also available are a single (EL5185),
window comparator (EL5287), and quad versions (EL5485
and EL5486).
Pinout
EL5285
(14-PIN SO)
TOP VIEW
Features
• 4ns typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Active low latch
• Single available (EL5185)
• Window available (EL5287)
• Quad available (EL5485 & EL5486)
• Pin-compatible 8ns family available (EL5x81, EL5283 &
EL5482)
Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters
1
2
3
4
14
13
12
11
5
6
7
10
9
8
VS+
INA+
INA-
NC
INB+
INB-
VS-
VSD
OUTA
LATCHA
NC
LATCHB
OUTB
GND
-
+
-
+
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL5285CS
14-Pin SO
-
MDP0027
EL5285CS-T7
14-Pin SO
7”
MDP0027
EL5285CS-T13
14-Pin SO
13”
MDP0027
Data Sheet
January 18, 2002
OBS
OLET
E PR
ODU
CT
NO R
ECO
MMEN
DED
REP
LAC
EMEN
T
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL o
r ww
w.in
ters
il.co
m/ts
c


Similar Part No. - EL5285CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5285CS-T13 ELANTEC-EL5285CS-T13 Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
More results

Similar Description - EL5285CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com