Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5283CY-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5283CY-T13
Description  Window 8ns High-Speed Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5283CY-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5283CY-T13 Datasheet HTML 1Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 2Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 3Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 4Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 5Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 6Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 7Page - Intersil Corporation EL5283CY-T13 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves (Continued)
010
24
6
Load Current (mA)
8
Output High Voltage vs Load Current
4.8
4.35
4.75
4.7
4.65
4.6
4.55
4.5
4.45
4.4
VS=±5V
VSD=5V
VIN=50mV
TA=-40°C
TA=85°C
TA=25°C
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
0.6
0
0.3
0.5
0.1
0
100
75
50
25
Ambient Temperature (°C)
125
2V
VIN=1VP-P
FIN=30MH
1V
20ns
VS=±5V
VSD=5V
Output with 30MHz Input
VIN=1VP-P
VO
VIN
0.2
0.4
85
486mW
M
SO
P1
0
20
6°C
/W
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity Test
Board
1
0.8
0.6
0.4
0.2
0
125
100
75
50
25
085
Ambient Temperature (°C)
870mW
M
SO
P1
0
11
5°C
/W
2V
2V
20ns
VIN=3VP-P
FIN=30MH
VS=±5V
VSD=5V
Output with 30MHz Input
VIN=3VP-P
VO
VIN
Digital Supply Current vs Input Switching
Frequency
30
0
25
15
10
5
20
045
35
25
15
5
Frequency (MHz)
50
40
30
20
10
VSD=3V
VS=±5V
VSD=5V
EL5283


Similar Part No. - EL5283CY-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5283CY-T13 ELANTEC-EL5283CY-T13 Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
More results

Similar Description - EL5283CY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
   8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
   8ns High-Speed Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
   High Speed Window Comparator
REV. A
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
   10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
   High Speed, 10 GHz Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com