Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5043ETN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5043ETN
Description  Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5043ETN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5043ETN Datasheet HTML 3Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 4Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 5Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 6Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 7Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 8Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 9Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 10Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
_______________________________________________________________________________________
7
Two-Switch Power ICs with Integrated
Power MOSFETs and Hot-Swap Controller
HOT-SWAP UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
27
28
29
30
31
32
26
-50
125
VPOSINHS RISING
VPOSINHS FALLING
HOT-SWAP STARTUP DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
155
160
165
170
175
150
-50
125
HOT-SWAP GATE VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
70
60
50
40
30
8.70
8.71
8.72
8.73
8.69
20
80
HOT-SWAP STARTUP WAVEFORM
MAX5042 toc04
OV
OV
VHSGATE
5V/div
10ms/div
OV
VHSDRAIN
20V/div
VHSOK
20V/div
100k
PULLUP
PWM UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
27
28
29
30
31
32
26
-50
125
VPOSINPWM RISING
VPOSINPWM FALLING
POSINPWM INPUT CURRENT, REG15
INPUT CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
-50
125
IREG15, VPOSINPWM = 76V
IPOSINPWM, VPOSINPWM = 76V
VREG15 = 18V, CSS = 0,
XFRMRH = 0, NO SWITCHING
POSINPWM INPUT CURRENT, REG15
INPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
70
60
50
40
30
1
2
3
4
5
6
0
20
80
IREG15
IPOSINPWM
VREG15 = 18V, CSS = 0,
XFRMRH = 0, NO SWITCHING
OPERATING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
250
270
290
310
330
350
230
-50
125
RRCOSC = 25k
Ω, CRCOSC = 100pF
RRCOSC = 19k
Ω, CRCOSC = 100pF
Typical Operating Characteristics
(VPOSINPWM = 20V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5043ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5043ETN MAXIM-MAX5043ETN Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
More results

Similar Description - MAX5043ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com