Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33261D Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33261D
Description  POWER FACTOR CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33261D Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33261D Datasheet HTML 4Page - Motorola, Inc MC33261D Datasheet HTML 5Page - Motorola, Inc MC33261D Datasheet HTML 6Page - Motorola, Inc MC33261D Datasheet HTML 7Page - Motorola, Inc MC33261D Datasheet HTML 8Page - Motorola, Inc MC33261D Datasheet HTML 9Page - Motorola, Inc MC33261D Datasheet HTML 10Page - Motorola, Inc MC33261D Datasheet HTML 11Page - Motorola, Inc MC33261D Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34261 MC33261
9
MOTOROLA ANALOG IC DEVICE DATA
+
+
1.6V
Timer R
180
C4
100
C5
10V
MTW
14N50E
Q1
1.3M
R7
Figure 16. 175 W Universal Input Power Factor Controller
+
+
+
+
+
RFI
Filter
R6
R4
C6
D4
D3
D2
D1
0.01
C2
330
1.0nF
C3
0.5mA
6.7V
Zero Current
Detector
VO
T
UVLO
Vref
Error Amp
Current Sense
Comparator
RS
Latch
1.2V
36V
2.5V
Reference
16V
10
Drive
Output
10
Multiplier
Delay
85 to 265
Vac
1
12k
R3
22k
R5
10
100k
R8
1N4934
D6
10k
R1
1.6M
R2
0.1
R9
4
7
8
5
3
6
0.68
C1
2
1
MUR460
D5
400V/0.44A
Power Factor Controller Test Data
AC Line Input
DC Output
Current Harmonic Distortion (%)
Vrms
Pin
PF
THD
235
7
VO(pp)
VO
IO
PO
n(%)
90
187.5
–0.998
2.0
0.10
0.98
0.90
0.78
8.0
400.7
0.436
174.7
93.2
120
184.6
–0.997
1.8
0.09
1.3
1.3
0.93
8.0
400.7
0.436
174.7
94.6
138
183.6
–0.997
2.3
0.05
1.6
1.5
1.0
8.0
400.7
0.436
174.7
95.2
180
181.0
–0.995
4.3
0.16
2.5
2.0
1.2
8.0
400.6
0.436
174.7
95.6
240
179.3
–0.993
6.0
0.08
3.7
2.7
1.4
8.0
400.6
0.436
174.7
97.4
268
178.6
–0.992
6.7
0.16
2.8
3.7
1.7
8.0
400.6
0.436
174.7
97.8
= Coilcraft N2880–A
Primary: 78 turns of # 16 AWG
Secondary: 6 turns of # 18 AWG
Core: Coilcraft PT4215, EE 42–15
Gap: 0.104
″ total for a primary inductance of 870 µH
= AAVID Engineering Inc. 5903B
T
Heatsink
This data was taken with the test set–up shown in Figure 17.


Similar Part No. - MC33261D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33261D ONSEMI-MC33261D Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
More results

Similar Description - MC33261D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com