Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8499 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8499
Description  High Voltage Step-Down Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8499 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8499 Datasheet HTML 1Page - Allegro MicroSystems A8499 Datasheet HTML 2Page - Allegro MicroSystems A8499 Datasheet HTML 3Page - Allegro MicroSystems A8499 Datasheet HTML 4Page - Allegro MicroSystems A8499 Datasheet HTML 5Page - Allegro MicroSystems A8499 Datasheet HTML 6Page - Allegro MicroSystems A8499 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VIN
LX
BOOT
ENB
TSET
GND
VBIAS
FB
+42 V
220 μF
10 V
ESR
VOUT
COUT
3.3 V / 1.2 A
17.8 k
Ω
R1
L1
D1
R2
10.2 k
Ω
0.22 μF
0.01 μF
CBOOT
C3
C3
RTSET
121 k
Ω
47 μH
100 μF
50 V
A8499
Efficiency vs. Output Current
70.0
72.0
74.0
76.0
78.0
80.0
82.0
84.0
86.0
88.0
90.0
0
200
400
600
800
1000
1200
1400
IOUT (mA)
3.3
5
VOUT (V)
Circuit for 42 V step down to 3.3 V at 1.2 A. Efficiency data from circuit shown in left panel.Data is for reference only.
A8499
Description
The A8499 is a step down regulator that will handle a wide
input operating voltage range.
The A8499 is supplied in a low-profile 8-lead SOIC with
exposed pad (package LJ).
Applications include:
▪ Printer power supplies
▪ Consumer equipment power supplies
A8499-DS, Rev. 3
Features and Benefits
▪ 8 to 50 V input range
▪ Integrated DMOS switch
▪ Adjustable fixed off-time
▪ Highly efficient
▪ Adjustable 1.2 to 24 V output
High Voltage Step-Down Regulator
Typical Application
Approximate Scale 1:1
Package: 8-Lead SOIC with exposed
thermal pad (suffix LJ)


Similar Part No. - A8499

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJ-T ALLEGRO-A8498SLJ-T Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJTR-T ALLEGRO-A8498SLJTR-T Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
More results

Similar Description - A8499

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1189 ANALOGICTECH-AAT1189 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A4447 ALLEGRO-A4447 Datasheet
326Kb / 9P
   High Voltage Step Down Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com