Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6841SLW-20-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6841SLW-20-T
Description  DABiC-5 8-Bit Serial Input Latched Sink Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6841SLW-20-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6841SLW-20-T Datasheet HTML 1Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 2Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 3Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 4Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 5Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 6Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 7Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 8Page - Allegro MicroSystems A6841SLW-20-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6841
DABiC-5 8-Bit Serial Input Latched Sink Drivers
Terminal List Table
Name
Description
Pin
18-pin
20-pin
VEE
Power Ground to substrate
1, 9
1, 9
CLK
Clock
2
2
DATA IN
Serial Data In
3
3
GND
Logic Ground
4
4
VDD
Logic Supply
5
5
DATA OUT
Serial Data Out, for cascading devices
6
6
ST
Strobe
7
7
OE
Output Enable (active low)
8
8
K
Common to +VL , for inductive loads
10
12
NC
Not connected
10, 11
OUT8
Sink Output 8
11
13
OUT7
Sink Output 7
12
14
OUT6
Sink Output 6
13
15
OUT5
Sink Output 5
14
16
OUT4
Sink Output 4
15
17
OUT3
Sink Output 3
16
18
OUT2
Sink Output 2
17
19
OUT1
Sink Output 1
18
20
Allowable Package Power Dissipation, PD
50
75
100
125
150
2.5
0.5
0
A MB IENT T EMP E R A T UR E (º C )
2.0
1.5
1.0
25
18-LE AD S OIC , R θJA =80°C/W
20-LE AD S OIC , R θJA =70°C/W
18-P IN DIP , R θJA =60°C/W


Similar Part No. - A6841SLW-20-T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A684 PANASONIC-A684 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
A684M20Z5UF5UAA ETC1-A684M20Z5UF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A684Z20Y5VF5 VISHAY-A684Z20Y5VF5 Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results

Similar Description - A6841SLW-20-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com