Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34166T Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34166T
Description  POWER SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34166T Datasheet HTML 7Page - ON Semiconductor MC34166T Datasheet HTML 8Page - ON Semiconductor MC34166T Datasheet HTML 9Page - ON Semiconductor MC34166T Datasheet HTML 10Page - ON Semiconductor MC34166T Datasheet HTML 11Page - ON Semiconductor MC34166T Datasheet HTML 12Page - ON Semiconductor MC34166T Datasheet HTML 13Page - ON Semiconductor MC34166T Datasheet HTML 14Page - ON Semiconductor MC34166T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC34166, MC33166
http://onsemi.com
11
4
2
1
5
3
+
CF
RF
R1
1.5 k
CO
1000
VO
28 V/0.6 A
R2
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
12 V
Cin
330
+
6.8 k
4.7 k
0.47
Q1
D1
1N5822
+
*Gate resistor RG, zener diode D3, and diode D4 are required only when Vin is greater than 20 V.
L
190 µH
*RG
620
D3
1N967A
D2
1N5822
Q2
MTP3055EL
D4
1N4148
+
+
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 24 V, IO = 0.6 A
23 mV =
± 0.41%
Load Regulation
Vin = 12 V, IO = 0.1 A to 0.6 A
3.0 mV =
± 0.005%
Output Ripple
Vin = 12 V, IO = 0.6 A
100 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 Ω
4.0 A
Efficiency
Vin = 12 V, IO = 0.6 A
82.8%
L = Coilcraft M1496–A or General Magnetics Technology GMT–0223, 42 turns of #16 AWG
on Magnetics Inc. 58350–A2 core.
Heatsink = AAVID Engineering Inc.
MC34166: 5903B, or 5930B
MTP3055EL: 5925B
Figure 21 shows that the MC34166 can be configured as a step–up/down converter with the addition of an external power MOSFET. Energy
is stored in the inductor during the on–time of transistors Q1 and Q2. During the off–time, the energy is transferred, with respect to ground, to
the output filter capacitor and load. This circuit configuration has two significant advantages over the basic step–up converter circuit. The first
advantage is that output short–circuit protection is provided by the MC34166, since Q1 is directly in series with Vin and the load. Second, the
output voltage can be programmed to be less than Vin. Notice that during the off–time, the inductor forward biases diodes D1 and D2, transferring
its energy with respect to ground rather than with respect to Vin. When operating with Vin greater than 20 V, a gate protection network is required
for the MOSFET. The network consists of components RG, D3, and D4.
Figure 21. Step–Up/Down Converter
(Top View)
(Bottom View)
3.45″
Figure 22. Step–Up/Down Converter Printed Circuit Board and Component Layout
Vin
VO
CF
RF
R1
+-
+
-
+
+
D3
D2
RG


Similar Part No. - MC34166T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166T ONSEMI-MC34166T Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166T ONSEMI-MC34166T Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TG ONSEMI-MC34166TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TG ONSEMI-MC34166TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TH ONSEMI-MC34166TH Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Similar Description - MC34166T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com