Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33167D2T Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33167D2T
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33167D2T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33167D2T Datasheet HTML 3Page - ON Semiconductor MC33167D2T Datasheet HTML 4Page - ON Semiconductor MC33167D2T Datasheet HTML 5Page - ON Semiconductor MC33167D2T Datasheet HTML 6Page - ON Semiconductor MC33167D2T Datasheet HTML 7Page - ON Semiconductor MC33167D2T Datasheet HTML 8Page - ON Semiconductor MC33167D2T Datasheet HTML 9Page - ON Semiconductor MC33167D2T Datasheet HTML 10Page - ON Semiconductor MC33167D2T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC34167 MC33167
7
MOTOROLA ANALOG IC DEVICE DATA
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at 170
°C,
the latch is forced into a ‘reset’ state, disabling the output
switch. This feature is provided to prevent catastrophic failures
from accidental device overheating. It is not intended to be
used as a substitute for proper heatsinking. The MC34167
is contained in a 5–lead TO–220 type package. The tab of the
package is common with the center pin (Pin 3) and is normally
connected to ground.
DESIGN CONSIDERATIONS
Do not attempt to construct a converter on wire–wrap
or plug–in prototype boards. Special care should be taken
to separate ground paths from signal currents and ground
paths from load currents. All high current loops should be
kept as short as possible using heavy copper runs to
minimize ringing and radiated EMI. For best operation, a tight
component layout is recommended. Capacitors Cin, CO, and
all feedback components should be placed as close to the IC
as physically possible. It is also imperative that the Schottky
diode connected to the Switch Output be located as close to
the IC as possible.
Figure 15. Low Power Standby Circuit
Figure 16. Over Voltage Shutdown Circuit
Figure 17. Soft–Start Circuit
1
5
R1
120
Error
Amp
Compensation
100
µA
I = Standby Mode
VShutdown = VZener + 0.7
tSoft–Start ≈ 35,000 Css
Css
D1
D2
1.0 M
Vin
1
5
R1
120
Error
Amp
Compensation
100
µA
1
5
R1
120
Error
Amp
Compensation
100
µA
+
+
+


Similar Part No. - MC33167D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TG ONSEMI-MC33167D2TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TG ONSEMI-MC33167D2TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TR4 ONSEMI-MC33167D2TR4 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Similar Description - MC33167D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com