Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6833 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A6833
Description  DABiC-5 32-Bit Serial Input Latched Sink Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6833 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A6833 Datasheet HTML 1Page - Allegro MicroSystems A6833 Datasheet HTML 2Page - Allegro MicroSystems A6833 Datasheet HTML 3Page - Allegro MicroSystems A6833 Datasheet HTML 4Page - Allegro MicroSystems A6833 Datasheet HTML 5Page - Allegro MicroSystems A6833 Datasheet HTML 6Page - Allegro MicroSystems A6833 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6833
DABiC-5 32-Bit Serial-Input Latched Sink Drivers
Timing Requirements and Specifications
(Logic Levels are VDD and Ground)
CLOC K
SER IAL
DAT A IN
ST R OB E
OUT P UT E NAB LE
OUT N
50%
SER IAL
DAT A OUT
DAT A
DAT A
10%
90%
50%
50%
50%
C
A
B
D
E
HIG H = ALL OUT P UT S E NAB LE D
p(S T H-QL)
t
p(C H-S QX)
t
DAT A
p(S T H-QH)
t
OUT P UT E NAB LE
OUT N
DAT A
10%
50%
dis (B Q)
t
en(B Q)
t
LOW = ALL OUT P UT S BLANKE D (DIS ABLE D)
r
t
f
t
50%
90%
NOTE: Timing is representative of a 10 MHz clock. Higher speeds
may be attainable; operation at high temperatures will reduce the
specified maximum clock frequency.
Serial Data present at the input is transferred to the shift register on
the logical 0 to logical 1 transition of the CLOCK input pulse. On
succeeding CLOCK pulses, the registers shift data information towards
the SERIAL DATA OUTPUT. The SERIAL DATA must appear at the
input prior to the rising edge of the CLOCK input waveform.
Information present at any register is transferred to the respective
latch when the STROBE is high (serial-to-parallel conversion). The
latches will continue to accept new data as long as the STROBE is
held high. Applications where the latches are bypassed (STROBE
tied high) will require that the OUTPUT ENABLE input be low
during serial data entry.
When the OUTPUT ENABLE input is low, the output sink drivers
are disabled (OFF). The information stored in the latches is not
affected by the OUTPUT ENABLE input. With the OUTPUT
ENABLE input high, the outputs are controlled by the state of their
respective latches.
Key
Description
Symbol
Time (ns)
A
Data Active Time Before Clock Pulse (Data Set-Up Time)
tsu(D)
25
B
Data Active Time After Clock Pulse (Data Hold Time)
th(D)
25
C
Clock Pulse Width
tw(CH)
50
D
Time Between Clock Activation and Strobe
tsu(C)
100
E
Strobe Pulse Width
tw(STH)
50


Similar Part No. - A6833

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832EEP ALLEGRO-A6832EEP Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832EEP-T ALLEGRO-A6832EEP-T Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832EEPTR-T ALLEGRO-A6832EEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
More results

Similar Description - A6833

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com