Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6800SL-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A6800SL-T
Description  DABiC-5 Latched Sink Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6800SL-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A6800SL-T Datasheet HTML 4Page - Allegro MicroSystems A6800SL-T Datasheet HTML 5Page - Allegro MicroSystems A6800SL-T Datasheet HTML 6Page - Allegro MicroSystems A6800SL-T Datasheet HTML 7Page - Allegro MicroSystems A6800SL-T Datasheet HTML 8Page - Allegro MicroSystems A6800SL-T Datasheet HTML 9Page - Allegro MicroSystems A6800SL-T Datasheet HTML 10Page - Allegro MicroSystems A6800SL-T Datasheet HTML 11Page - Allegro MicroSystems A6800SL-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6800/A6801
DABiC-5 Latched Sink Drivers
A6800SL
NOTES: 1.
Exact body and lead configuration at vendor’s option within limits shown.
2.
Lead spacing tolerance is non-cumulative.
0
° TO 8°
0.3444
0.3367
0.2440
0.2284
0.050
0.016
Dwg. MA-007-14 in
0.050
BSC
0.0098
0.0075
1
23
0.1574
0.1497
0.020
0.013
0.0688
0.0532
0.0040 MIN.
14
8
8.75
8.55
6.20
5.80
1.27
0.40
0
° TO 8°
Dwg. MA-007-14A mm
1.27
BSC
0.25
0.19
1
2
3
4.00
3.80
0.51
0.33
1.75
1.35
0.10 MIN.
14
8
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)


Similar Part No. - A6800SL-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
More results

Similar Description - A6800SL-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com