Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3242EUA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3242EUA
Description  Chopper-Stabilized Unipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3242EUA Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3242EUA Datasheet HTML 1Page - Allegro MicroSystems A3242EUA Datasheet HTML 2Page - Allegro MicroSystems A3242EUA Datasheet HTML 3Page - Allegro MicroSystems A3242EUA Datasheet HTML 4Page - Allegro MicroSystems A3242EUA Datasheet HTML 5Page - Allegro MicroSystems A3242EUA Datasheet HTML 6Page - Allegro MicroSystems A3242EUA Datasheet HTML 7Page - Allegro MicroSystems A3242EUA Datasheet HTML 8Page - Allegro MicroSystems A3242EUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
A3241-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Unipolar Hall Effect Switches
A3241 and A3242
Product Selection Guide
Functional Block Diagram
Regulator
GND
VCC
VOUT
Control
Current Limit
<1Ω
To All Subcircuits
Amp
Amp
Terminal List
Name
Description
Number
Package LH
Package UA
VCC
Connects power supply to chip
1
1
VOUT
Output from circuit
2
3
GND
Ground
3
2
Part Number
Pb-
free
Packing*
Mounting
Ambient, TA
(°C)
BRP(MIN)
(G)
BOP(MAX)
(G)
A3241ELHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 85
40
135
A3241ELHLT-T
Yes
A3241EUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3241EUA-T
Yes
A3241LLHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 150
A3241LLHLT-T
Yes
A3241LUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3241LUA-T
Yes
A3242ELHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 85
110
200
A3242ELHLT-T
Yes
A3242EUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3242EUA-T
Yes
A3242LLHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 150
A3242LLHLT-T
Yes
A3242LUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3242LUA-T
Yes
*Contact Allegro for additional packing options.


Similar Part No. - A3242EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240 ALLEGRO-A3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240 ALLEGRO-A3240 Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3240ELH ALLEGRO-A3240ELH Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240ELHLT-T ALLEGRO-A3240ELHLT-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3240ELT ALLEGRO-A3240ELT Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
More results

Similar Description - A3242EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com