Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3282LLHLT Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3282LLHLT
Description  Chopper-Stabilized Hall Effect Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3282LLHLT Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3282LLHLT Datasheet HTML 1Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 2Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 3Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 4Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 5Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 6Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 7Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 8Page - Allegro MicroSystems A3282LLHLT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
A3282-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Hall Effect Latch
A3282
OPERATING CHARACTERISTICS valid over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage1
VCC
Operating, TJ < 165°C
3.6
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
10
µA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
250
500
mV
Output Current Limit
IOM
B > BOP
30
60
mA
Power-On Time
tPO
VCC > 3.6 V
8
50
µs
Chopping Frequency
fc
200
kHz
Output Rise Time2
tr
RLOAD = 820 Ω, CS = 20 pF
0.2
1
µs
Output Fall Time2
tf
RLOAD = 820 Ω, CS = 20 pF
0.2
1
µs
Supply Current
ICCON
B > BOP
1.6
5
mA
ICCOFF
B < BRP
1.6
5
mA
Reverse Battery Current
IRCC
VRCC = –18 V
–2
mA
Supply Zener Clamp Voltage
VZ
ICC = 8 mA; TA = 25°C
28
V
Supply Zener Current3
IZ
VS = 28 V
8
mA
Magnetic Characteristics4
Operate Point
BOP
South pole adjacent to branded face of device
70
110
150
G
Release Point
BRP
North pole adjacent to branded face of device
–150
–110
–70
G
Hysteresis
BHYS
BOP – BRP
140
220
300
G
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 CS = oscilloscope probe capacitance.
3 Maximum current limit is equal to the maximum ICC(MAX) + 3 mA.
4 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) REQUIREMENTS
Contact Allegro for information.


Similar Part No. - A3282LLHLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282LLHLT-T ALLEGRO-A3282LLHLT-T Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results

Similar Description - A3282LLHLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244_16 Datasheet
725Kb / 12P
   Chopper-Stabilized, Two-Wire Hall-Effect Latch
A1242 ALLEGRO-A1242 Datasheet
363Kb / 11P
   Two-Wire Chopper-Stabilized Hall Effect Latch
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
First Components Intern...
FUS1881 FCI-FUS1881 Datasheet
636Kb / 4P
   FUS1881 CMOS Chopper Stabilized, Hall - Effect Sensor (Latch)
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com