Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3950 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3950
Description  DMOS Full-Bridge Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3950 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3950 Datasheet HTML 1Page - Allegro MicroSystems A3950 Datasheet HTML 2Page - Allegro MicroSystems A3950 Datasheet HTML 3Page - Allegro MicroSystems A3950 Datasheet HTML 4Page - Allegro MicroSystems A3950 Datasheet HTML 5Page - Allegro MicroSystems A3950 Datasheet HTML 6Page - Allegro MicroSystems A3950 Datasheet HTML 7Page - Allegro MicroSystems A3950 Datasheet HTML 8Page - Allegro MicroSystems A3950 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A3950DS
A3950
DMOS Full-Bridge Motor Driver
Designed for PWM (pulse width modulated) control of dc motors, the
A3950 is capable of peak output currents to ±2.8 A and operating volt-
ages to 36 V.
PHASE and ENABLE input terminals are provided for use in control-
ling the speed and direction of a dc motor with externally applied PWM
control signals. Internal synchronous rectification control circuitry is
provided to lower power dissipation during PWM operation.
Internal circuit protection includes motor lead short-to-supply / short-to-
ground, thermal shutdown with hysteresis, undervoltage monitoring of
VBB and VCP, and crossover-current protection.
The A3950 is supplied in a thin profile (<1.2 mm overall height) 16-pin
TSSOP package with exposed thermal pad (package LP). It is lead (Pb)
free with 100% matte tin leadframe plating.
Use the following complete part numbers when ordering:
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB.............................................36 V
Output Current, IOUT....................................................... 2.8 A
Sense Voltage, VSENSE.................................±500 mV
VBB to OUTx .................................................... 36 V
OUTx to SENSE ................................................ 36 V
Logic Input Voltage, VIN..........................–0.3 to 7 V
Operating Temperature Range
Ambient, TA, Range S.................... –20°C to 85°C
Junction Temperature, TJ(MAX)............................ 150°C
Storage Temperature, TS ................. –40°C to 125°C
FEATURES
Approximate Scale 1:1
Package LP, 16-pin TSSOP
with Exposed Thermal Pad
Part Number
Packing
A3950SLP-T
96 pieces / tube
A3950SLPTR-T
13-in. reel, 4000 pieces / reel
7
8
6
5
9
10
1
2
3
4
14
13
16
15
12
11
OUTB
VBB
SLEEP
ENABL
OUTA
SENSE
NFAULT
MODE
PHASE
GND
VCP
GND
CP2
CP1
VREG
NC
Control
Logic
Charge
Pump
Fault
Low RDS(on) outputs
Overcurrent protection
Motor lead short-to-supply protection
Short-to-ground protection
Sleep function
Synchronous rectification
Diagnostic output
Internal UVLO
Crossover-current protection
Preliminary Data Sheet
Subject to Change without Notice
November 4, 2005


Similar Part No. - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2000T 3M-A3950-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2010T 3M-A3950-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com