Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3230EUA-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3230EUA-T
Description  Chopper-Stabilized Hall-Effect Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3230EUA-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3230EUA-T Datasheet HTML 4Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 5Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 6Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 7Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 8Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 9Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 10Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 11Page - Allegro MicroSystems A3230EUA-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A3230-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Hall Effect Bipolar Switch
A3230
exhibiting negative switch behavior operate in a similar but
opposite manner. A north polarity field of sufficient strength,
> BRP, (more north than BRP) is required for operation, although
the result is that VOUT switches high, as shown in panel C. When
the field is reduced beyond the BOP level, the device switches
back to the low state.
The A3230 is designed to attain a small hysteresis, and thereby
provide more sensitive switching. Although this means that
true latching behavior cannot be guaranteed in all cases, proper
switching can be ensured by use of both south and north mag-
netic fields, as in a ring magnet.
Bipolar devices adopt an indeterminate output state when
powered-on in the absence of a magnetic field or in a field that
lies within the hysteresis band of the device. The correct state is
attained after the first excursion beyond BOP or BRP.
For more information on Bipolar switches, refer to Application
Note 27705, Understanding Bipolar Hall Effect Sensors.
Applications
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall sensor) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper stabilization technique. As is
shown in Panel B of figure 1, a 0.1µF capacitor is typical.
Extensive applications information on magnets and Hall-effect
sensors is available in:
• Hall-Effect IC Applications Guide, AN27701,
• Hall-Effect Devices: Gluing, Potting, Encapsulating, Lead
Welding and Lead Forming, AN27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, AN26009
All are provided in Allegro Electronic Data Book, AMS-702 and
the Allegro Web site: www.allegromicro.com


Similar Part No. - A3230EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230EUA-T ALLEGRO-A3230EUA-T Datasheet
362Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
More results

Similar Description - A3230EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230_06 Datasheet
362Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3260 ALLEGRO-A3260_06 Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
3260 ALLEGRO-3260 Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
logo
First Components Intern...
FUS5881 FCI-FUS5881 Datasheet
68Kb / 1P
   Chopper Stabilized, Hall-Effect Sensor(Switch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com