Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3425L Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3425L
Description  HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3425L Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3425L Datasheet HTML 1Page - Allegro MicroSystems A3425L Datasheet HTML 2Page - Allegro MicroSystems A3425L Datasheet HTML 3Page - Allegro MicroSystems A3425L Datasheet HTML 4Page - Allegro MicroSystems A3425L Datasheet HTML 5Page - Allegro MicroSystems A3425L Datasheet HTML 6Page - Allegro MicroSystems A3425L Datasheet HTML 7Page - Allegro MicroSystems A3425L Datasheet HTML 8Page - Allegro MicroSystems A3425L Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
www.allegromicro.com
3
TYPICAL OPERATING CHARACTERISTICS
SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-056
50
100
0
-50
3060
RELEASE POINT
3059
V
= 8 V
CC
150
-100
-25
25
75
125
3059
OPERATE POINT
3060
Dwg. GH-057
10
20
0
-10
-20
0
SUPPLY VOLTAGE IN VOLTS
510
15
20
25
UGN/UGS3060KA
I
= 20 mA
T = +25
°C
OUT
A
OPERATE POINT
RELEASE POINT
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-029-1
150
-25
125
I
= 20 mA
V
= 12 V
OUT
CC
200
50
150
100
Dwg. GH-055
0
SUPPLY VOLTAGE IN VOLTS
510
15
20
25
I
= 20 mA
T = +25
°C
OUT
A
OUTPUT SATURATION VOLTAGE


Similar Part No. - A3425L

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425LK ALLEGRO-A3425LK Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3425LK ALLEGRO-A3425LK Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425LK-T ALLEGRO-A3425LK-T Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425LK-T ALLEGRO-A3425LK-T Datasheet
495Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425LKTN ALLEGRO-A3425LKTN Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A3425L

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
   Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
   True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com