Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1374LKB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1374LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374LKB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1374LKB Datasheet HTML 1Page - Allegro MicroSystems A1374LKB Datasheet HTML 2Page - Allegro MicroSystems A1374LKB Datasheet HTML 3Page - Allegro MicroSystems A1374LKB Datasheet HTML 4Page - Allegro MicroSystems A1374LKB Datasheet HTML 5Page - Allegro MicroSystems A1374LKB Datasheet HTML 6Page - Allegro MicroSystems A1374LKB Datasheet HTML 7Page - Allegro MicroSystems A1374LKB Datasheet HTML 8Page - Allegro MicroSystems A1374LKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
CHARACTERISTIC PARAMETERS (continued)
SENSITIVITY TEMPERATURE COEFFICIENT PROGRAMMING
over operating temperature range, VCC=5.0 V, unless
otherwise noted
Sensitivity Temperature
Coefficient Range
TC
Sensitivity T/C
codes 0 to 11,
minimum (absolute) positive
temperature coefficient attainable
0.07
%/°C
Sensitivity T/C
codes 16 to 27,
minimum (absolute) negative
temperature coefficient attainable
0.016
%/°C
Average Sensitivity
Temperature Coefficient Step
Size4,5,6
StepTC
TA = 150°C
0.01
%/°C
Sensitivity Temperature
Coefficient Programming Bits
––
5
Bit
ONE-TIME PROGRAMMING
Device Programming Lock Bit
1
Bit
RATIOMETRY
over operating temperature range, VCC=5.0 V, unless otherwise noted
Quiescent Voltage Error
RatVOUT(Q)
VCC at VOPERATING
±0.25
–%
Sensitivity Error
RatSENS
VCC at VOPERATING
±1.0
–%
Clamp Error
RatVOUTCLP
VCC at VOPERATING
±1.5
–%
LINEARITY
over operating temperature range, VCC=5.0 V, unless otherwise noted
Positive Linearity Error
Lin+
VCC at VOPERATING
±0.5
–%
Negative Linearity Error
Lin–
VCC at VOPERATING
±0.5
–%
SYMMETRY
over operating temperature range, VCC=5.0 V, unless otherwise noted
Symmetry Error
Sym
VCC at VOPERATING – VCC
±0.35
%
ADDITIONAL CHARACTERISTICS
Sensitivity Drift9
ΔSens
±2
%
FAULT CONDITIONS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Shorted Output Wire
IOUTSHT
VOUT pin to VCC pin
18
mA
VOUT pin to GND pin
4
mA
1 tPO does not include tCLP, specified in the Quiescent Programming section of this table.
2 Peak to peak value exceeded: 0.3% (6σ).
3 For A1373, no digital noise is present at the output.
4 Step size is larger than required for the specified range, to take into account manufacturing spread.
5 Individual code step sizes can be greater than 2× larger than the step size at each significant bit rollover.
6 Average fine code step size in a given range = (Output value at highest fine code in the range – Output value at code 0 of the range) / Total quantity of
steps (codes) in the range.
7 Values indicated are valid if any additional magnetic field does not exceed B(kG)= ±2 (V) / Sens (mv/G), after VOUTCLP is reached.
8 Program the Sensitivity T/C register before programming Sensitivity Coarse and Sensitivity Fine, due to a worst case shift of ±3% in sensitivity at 25°C
at the maximum values for Sensitivity T/C: Positive T/C and Sensitivity T/C: Negative T/C. The Programming Guidelines section in this document lists a
complete recommended order for programming individual values.
9Drift due to temperature cycling is due to package effects on the Hall transducer. The stress is reduced when the package is baked. However, it will
recover over time after removal from the bake.
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units


Similar Part No. - A1374LKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1374LKB-T ALLEGRO-A1374LKB-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374LKBTI ALLEGRO-A1374LKBTI Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374LKBTI-T ALLEGRO-A1374LKBTI-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1374LKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com