Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34164DM-5 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34164DM-5
Description  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164DM-5 Datasheet(HTML) 3 Page - ON Semiconductor

  MC34164DM-5 Datasheet HTML 1Page - ON Semiconductor MC34164DM-5 Datasheet HTML 2Page - ON Semiconductor MC34164DM-5 Datasheet HTML 3Page - ON Semiconductor MC34164DM-5 Datasheet HTML 4Page - ON Semiconductor MC34164DM-5 Datasheet HTML 5Page - ON Semiconductor MC34164DM-5 Datasheet HTML 6Page - ON Semiconductor MC34164DM-5 Datasheet HTML 7Page - ON Semiconductor MC34164DM-5 Datasheet HTML 8Page - ON Semiconductor MC34164DM-5 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
3
MC34164−5, MC33164−5 SERIES, NCV33164−5
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA is the operating ambient temperature
range that applies [Notes 5 & 6], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
High State Output (Vin Increasing)
Low State Output (Vin Decreasing)
Hysteresis (ISink = 100 mA)
VIH
VIL
VH
4.15
4.15
0.02
4.33
4.27
0.09
4.45
4.45
V
RESET OUTPUT
Output Sink Saturation
(Vin = 4.0 V, ISink = 1.0 mA)
(Vin = 1.0 V, ISink = 0.25 mA)
VOL
0.14
0.1
0.4
0.3
V
Output Sink Current (Vin, Reset = 4.0 V)
ISink
7.0
20
50
mA
Output Off−State Leakage
(Vin, Reset = 5.0 V)
(Vin, Reset = 10 V)
IR(leak)
0.02
0.02
0.5
2.0
mA
Clamp Diode Forward Voltage, Reset to Input Pin (IF = 5.0 mA)
VF
0.6
0.9
1.2
V
TOTAL DEVICE
Operating Input Voltage Range
Vin
1.0 to 10
V
Quiescent Input Current
Vin = 5.0 V
Vin = 10 V
Iin
12
32
20
50
mA
4. Maximum package power dissipation limits must be observed.
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
6. Tlow = 0°C for MC34164
Thigh = +70°C for MC34164
=− 40
°C for MC33164, NCV33164
= +125
°C for MC33164, NCV33164
7. NCV prefix is for automotive and other applications requiring site and change control.
0
Vin, INPUT VOLTAGE (V)
RL = 82 k to Vin
TA = 25°C
2.0
4.0
6.0
8.0
10
Figure 2. MC3X164−3 Reset Output
Voltage versus Input Voltage
0
Vin, INPUT VOLTAGE (V)
Figure 3. MC3X164−5 Reset Output
Voltage versus Input Voltage
RL = 82 k to Vin
TA = 25°C
2.0
4.0
6.0
8.0
10
10
8.0
6.0
4.0
2.0
0
10
8.0
6.0
4.0
2.0
0


Similar Part No. - MC34164DM-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164DM-5R2G ONSEMI-MC34164DM-5R2G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results

Similar Description - MC34164DM-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com