Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDN2916B-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UDN2916B-T
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2916B-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  UDN2916B-T Datasheet HTML 1Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 2Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 3Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 4Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 5Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 6Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 7Page - Allegro MicroSystems UDN2916B-T Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
The UDN2916B, UDN2916EB, and UDN2916LB motor drivers are
designed to drive both windings of a bipolar stepper motor or
bidirectionally control two dc motors. Both bridges are capable of
sustaining 45 V and include internal pulse-width modulation (PWM)
control of the output current to 750 mA. The outputs have been opti-
mized for a low output saturation voltage drop (less than 1.8 V
total source plus sink at 500 mA).
For PWM current control, the maximum output current is deter-
mined by the user’s selection of a reference voltage and sensing
resistor. Two logic-level inputs select output current limits of 0, 33,
67, or 100% of the maximum level. A PHASE input to each bridge
determines load current direction.
The bridges include both ground clamp and flyback diodes for
protection against inductive transients. Internally generated delays
prevent cross-over currents when switching current direction. Special
power-up sequencing is not required. Thermal protection circuitry
disables the outputs if the chip temperature exceeds safe operating
limits.
The UDN2916B is supplied in a 24-pin dual in-line plastic batwing
package with a copper lead-frame and heat sinkable tabs for improved
power dissipation capabilities. The UDN2916EB is supplied in a 44-lead
power PLCC for surface mount applications. The UDN2916LB is
supplied in a 24-lead surface-mountable SOIC. Their batwing construc-
tion provides for maximum package power dissipation in the smallest
possible construction. The UDN2916B/EB/LB are available for opera-
tion from -40°C to +85°C. To order, change the prefix from 'UDN' to
'UDQ'. These devices are also available on special order for operation
to +105°C. The B and LB packages are available in a lead (Pb) free
version, with 100% matte tin leadframe.
FEATURES
750 mA Continuous Output Current
45 V Output Sustaining Voltage
Internal Clamp Diodes
Internal PWM Current Control
Low Output Saturation Voltage
Internal Thermal Shutdown Circuitry
Similar to Dual PBL3717, UC3770
Always order by complete part number:
Part Number
Package
UDN2916B
24-Pin DIP
UDN2916B-T
24-Pin DIP, Lead-free
UDN2916EB
44-Lead PLCC
UDN2916LB
24-Lead SOIC
UDN2916LB-T
24-Lead SOIC, Lead-free
UDN2916B (DIP)
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
θ
2
θ
1
V
CC
2
V BB
1
GR OUND
GR OUND
GR OUND
GR OUND
02
I
12
I
PHAS E 2
V RE F 2
2
RC
1
RC
V
RE F 1
PHAS E 1
11
I
2B
OUT
SENS E 2
2
E
2A
OUT
1A
OUT
1
E
SENS E 1
1B
OUT
01
I
LOAD
S UPPLY
LOG IC
S UPPLY
Dwg. PP-005
ABSOLUTE MAXIMUM RATINGS
at T
J
≤≤≤≤ 150°C
Motor Supply Voltage, V
BB
.................... 45 V
Output Current, I
OUT
(Peak) ........................................ +1.0 A
(Continuous) .......................... +750 mA
Logic Supply Voltage, V
CC
................... 7.0 V
Logic Input Voltage Range,
V
IN
......................... -0.3 V to V
CC
+0.3 V
Output Emitter Voltage, V
E
.................. 1.5 V
Package Power Dissipation,
P
D
........................................................
See Graph
Operating Temperature Range,
T
A
................................. -20°C to +85°C
Storage Temperature Range,
T
S
............................... -55°C to +150°C
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified peak current rating or a junction
temperature of +150°C.
2916


Similar Part No. - UDN2916B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2916B-T ALLEGRO-UDN2916B-T Datasheet
1Mb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - UDN2916B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com