Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1202LUA-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1202LUA-T
Description  Continuous-Time Bipolar Switch Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1202LUA-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1202LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1202LUA-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
A1201-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Continuous-Time Bipolar Switch Family
A1201, A1202, A1203, and A1204
Functional Description
Bipolar Device Switching
The devices of the A120X family provide highly sensitive
switching for applications using magnetic fields of alternating
polarities, such as ring magnets. There are three switching modes
for bipolar devices, referred to as latch, unipolar switch, and
negative switch. Mode is determined by the switchpoint charac-
teristics of the individual device. The characteristic hysteresis,
BHYS, of the device, is the difference in the relative magnetic
strength and polarity of the switchpoints of the device. (Note
that, in the following descriptions, a negative magnetic value
indicates a north polarity field, and a positive magnetic value
indicates a south polarity field. For a given value of magnetic
strength, BX, the values –BX and BX indicate two fields of equal
strength, but opposite polarity. B = 0 indicates the absence of a
magnetic field.)
Bipolar devices typically behave as latches. In this mode,
magnetic fields of opposite polarity and equivalent strengths
are needed to switch the output. When the magnetic fields are
removed (B
→ 0) the device remains in the same state until a
magnetic field of the opposite polarity and of sufficient strength
causes it to switch. The hysteresis of latch mode behavior is
shown in panel A of figure 1.
In contrast to latching, when a device exhibits unipolar switch-
ing, it only responds to a south magnetic field. The field must
be of sufficient strength, > BOP, for the device to operate. When
the field is reduced beyond the BRP level, the device switches
back to the high state, as shown in panel B of figure 1. Devices
exhibiting negative switch behavior operate in a similar but
opposite manner. A north polarity field of sufficient strength,
> BRP, (more north than BRP) is required for operation, although
the result is that VOUT switches high, as shown in panel C. When
Figure 1. Bipolar Device Output Switching Modes. These behaviors can be exhibited when using a circuit such as that shown in panel D. Panel A
displays the hysteresis when a device exhibits latch mode (note that the BHYS band incorporates B= 0), panel B shows unipolar switch behavior (the
BHYS band is more positive than B = 0), and panel C shows negative switch behavior (the BHYS band is more negative than B = 0). Bipolar devices,
such as the 120x family, can operate in any of the three modes.
BHYS
VOUT(SAT)
V+
0
BHYS
VOUT(SAT)
V+
0
BHYS
VOUT(SAT)
V+
0
VCC
VCC
VCC
B+
B–
B+
B– 0
0
B+
B–
0
(A)
(B)
(C)
VCC
VS
Sensor Output
GND
VOUT
RL
A120x
(D)


Similar Part No. - A1202LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202LUA-T ALLEGRO-A1202LUA-T Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
More results

Similar Description - A1202LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com