Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1145LUATI Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1145LUATI
Description  Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1145LUATI Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1145LUATI Datasheet HTML 1Page - Allegro MicroSystems A1145LUATI Datasheet HTML 2Page - Allegro MicroSystems A1145LUATI Datasheet HTML 3Page - Allegro MicroSystems A1145LUATI Datasheet HTML 4Page - Allegro MicroSystems A1145LUATI Datasheet HTML 5Page - Allegro MicroSystems A1145LUATI Datasheet HTML 6Page - Allegro MicroSystems A1145LUATI Datasheet HTML 7Page - Allegro MicroSystems A1145LUATI Datasheet HTML 8Page - Allegro MicroSystems A1145LUATI Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
A1145-DS, Rev. 6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 and A1146
Characteristic Data
Supply Current (High) versus Ambient Temperature
at Various Levels of VCC
(A1145 and A1146)
Supply Current (Low) versus Ambient Temperature
at Various Levels of VCC
(A1145 and A1146)
Ambient Temperature, T
A (°C)
Ambient Temperature, T
A (°C)
V
CC
3.5 V
12.0 V
24.0 V
V
CC
3.5 V
12.0 V
24.0 V
0
2
6
8
10
4
–50
0
50
100
150
200
–50
0
50
100
150
200
–50
0
50
100
150
200
Switchpoint Hysteresis versus Ambient Temperature
at Various Levels of VCC
(A1145 and A1146)
Operate Point versus Ambient Temperature
at Various Levels of VCC
(A1145 and A1146)
Ambient Temperature, T
A (°C)
Ambient Temperature, T
A (°C)
V
CC
3.5 V
12.0 V
24.0 V
V
CC
3.5 V
12.0 V
24.0 V
0
10
20
30
50
60
70
40
10
12
16
18
20
14
–50
0
50
100
150
200
5
0
10
15
25
30
40
35
20


Similar Part No. - A1145LUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145LUATI ALLEGRO-A1145LUATI Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145LUATI-T ALLEGRO-A1145LUATI-T Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1145LUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com