Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1102LLHLT-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1102LLHLT-T
Description  Continuous-Time Switch Family
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1102LLHLT-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1102LLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 10Page - Allegro MicroSystems A1102LLHLT-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Description
OPERATION
The output of these devices switches low (turns on) when a
magnetic field (south polarity) perpendicular to the Hall sen-
sor exceeds the operate point threshold, BOP. After turn-on, the
output is capable of sinking 25 mA and the output voltage is
VOUT(SAT). When the magnetic field is reduced below the release
point, BRP, the device output goes high (turns off). The differ-
ence in the magnetic operate and release points is the hysteresis,
Bhys, of the device. This built-in hysteresis allows clean switch-
ing of the output, even in the presence of external mechanical
vibration and electrical noise.
Powering-on the device in the hysteresis region, less than BOP and
higher than BRP, allows an indeterminate output state. The correct
state is attained after the first excursion beyond BOP or BRP.
CONTINUOUS-TIME BENEFITS
Continuous-time devices, such as the A110x family, offer the
fastest available power-on settling time and frequency response.
Due to offsets generated during the IC packaging process,
continuous-time devices typically require programming after
packaging to tighten magnetic parameter distributions. In con-
trast, chopper-stabilized switches employ an offset cancellation
technique on the chip that eliminates these offsets without the
need for after-packaging programming. The tradeoff is a longer
settling time and reduced frequency response as a result of the
chopper-stabilization offset cancellation algorithm.
The choice between continuous-time and chopper-stabilized
designs is solely determined by the application. Battery manage-
ment is an example where continuous-time is often required. In
these applications, VCC is chopped with a very small duty cycle
in order to conserve power (refer to figure 2). The duty cycle
is controlled by the power-on time, tPO, of the device. Because
continuous-time devices have the shorter power-on time, they
are the clear choice for such applications.
For more information on the chopper stabilization technique,
refer to Technical Paper STP 97-10, Monolithic Magnetic Hall
Sensor Using Dynamic Quadrature Offset Cancellation and
Technical Paper STP 99-1, Chopper-Stabilized Amplifiers with a
Track-and-Hold Signal Demodulator.
Figure 1. Switching Behavior of Unipolar Switches. On the horizontal axis, the B+ direction indicates increasing south polarity magnetic field
strength, and the B– direction indicates decreasing south polarity field strength (including the case of increasing north polarity). This behavior can
be exhibited when using a circuit such as that shown in Panel B.
BHYS
VCC
VOUT(SAT)
B+
B–
V+
0
0
(A)
(B)
VCC
VS
Sensor Output
GND
VOUT
RL
A110x


Similar Part No. - A1102LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102LLHLT-T ALLEGRO-A1102LLHLT-T Datasheet
303Kb / 12P
   Continuous-Time Switch
A1102LLHLT-T ALLEGRO-A1102LLHLT-T Datasheet
642Kb / 13P
   Continuous-Time Switch Family
More results

Similar Description - A1102LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com