Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX884-C33 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZX884-C33
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX884-C33 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZX884-C33 Datasheet HTML 2Page - NXP Semiconductors BZX884-C33 Datasheet HTML 3Page - NXP Semiconductors BZX884-C33 Datasheet HTML 4Page - NXP Semiconductors BZX884-C33 Datasheet HTML 5Page - NXP Semiconductors BZX884-C33 Datasheet HTML 6Page - NXP Semiconductors BZX884-C33 Datasheet HTML 7Page - NXP Semiconductors BZX884-C33 Datasheet HTML 8Page - NXP Semiconductors BZX884-C33 Datasheet HTML 9Page - NXP Semiconductors BZX884-C33 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2004 Mar 26
7
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX884 series
GRAPHICAL DATA
handbook, halfpage
0.6
1
300
100
0
200
MBG781
0.8
VF (V)
IF
(mA)
Fig.2
Forward current as a function of forward
voltage; typical values.
Tj =25 °C.
handbook, halfpage
0.5
−2
10−1
102
MLD444
1
IZ (mA)
SZ
(mV/K)
10
−1.5
−1
−0.5
0
2V4
4V7
4V3
3V9
3V6
3V3
3V0
2V7
Fig.3
Temperature coefficient as a function of
working current; typical values.
BZX884-B/C2V4 to B/C4V7.
Tj =25to150 °C.
handbook, halfpage
12
−4
4
8
0
MLD445
10−1
110
IZ (mA)
SZ
(mV/K)
102
15
13
12
11
10
9V1
5V6
5V1
8V2
7V5
6V8
6V2
Fig.4
Temperature coefficient as a function of
working current; typical values.
BZX884-B/C5V1 to B/C15.
Tj =25to150 °C.


Similar Part No. - BZX884-C33

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX884-C33 NEXPERIA-BZX884-C33 Datasheet
300Kb / 13P
   Voltage regulator diodes
Rev. 5 - 14 December 2020
More results

Similar Description - BZX884-C33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com