Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34161P Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC34161P
Description  Universal Voltage Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161P Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC34161P Datasheet HTML 4Page - ON Semiconductor MC34161P Datasheet HTML 5Page - ON Semiconductor MC34161P Datasheet HTML 6Page - ON Semiconductor MC34161P Datasheet HTML 7Page - ON Semiconductor MC34161P Datasheet HTML 8Page - ON Semiconductor MC34161P Datasheet HTML 9Page - ON Semiconductor MC34161P Datasheet HTML 10Page - ON Semiconductor MC34161P Datasheet HTML 11Page - ON Semiconductor MC34161P Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC34161, MC33161
http://onsemi.com
8
The above figure shows the MC34161 configured as a dual negative overvoltage detector. As the input voltage increases from ground, the LED will turn ‘ON’ when
–VS1 or –VS2 exceeds V2. With the dashed line output connection, the circuit becomes a dual negative undervoltage detector. As the input voltage decreases from
the peak towards ground, the LED will turn ‘ON’ when –VS1 or –VS2 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 17. Dual Negative Overvoltage Detector
V
1 +
R
1
R
2
(V
th * Vref) ) Vth
V
2 +
R
1
R
2
(V
th * VH * Vref) ) Vth * VH
R
1
R
2
+
V
1 * Vth
V
th * Vref
R
1
R
2
+
V
2 * Vth ) VH
V
th * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
2.54V
Reference
+
+
+
4
1
7
2
3
5
6
R1
–VS1
R1
–VS2
R2
R2
8
VCC
Input –VS
Output
Voltage
Pins 5, 6
Gnd
V1
V2
VCC
LED ‘ON’
VHys
Gnd
The above figure shows the MC34161 configured as a dual negative undervoltage detector. As the input voltage decreases towards ground, the LED will turn ‘ON’
when –VS1 or –VS2 falls below V1. With the dashed line output connection, the circuit becomes a dual negative overvoltage detector. As the input voltage increases
from ground, the LED will turn ‘ON’ when –VS1 or –VS2 exceeds V2.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 18. Dual Negative Undervoltage Detector
V
1 +
R
1
R
2
(V
th * Vref) ) Vth
V
2 +
R
1
R
2
(V
th * VH * Vref) ) Vth * VH
R
1
R
2
+
V
1 * Vth
V
th * Vref
R
1
R
2
+
V
2 * Vth ) VH
V
th * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
8
+
+
+
4
1
7
2
3
5
6
R1
–VS1
R1
–VS2
2.54V
Reference
R2
R2
VCC
VHys
Input –VS
Output
Voltage
Pins 5, 6
Gnd
V1
V2
VCC
LED ‘ON’
Gnd


Similar Part No. - MC34161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161P ONSEMI-MC34161P Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161P ONSEMI-MC34161P Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161PG ONSEMI-MC34161PG Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161PG ONSEMI-MC34161PG Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161PG ONSEMI-MC34161PG Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Similar Description - MC34161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com